Electronic Components Datasheet Search |
|
MC68340FE16 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
MC68340FE16 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 441 page 11/2/95 SECTION 1: OVERVIEW UM Rev 1 MOTOROLA MC68340 USER'S MANUAL v TABLE OF CONTENTS (Continued) Paragraph Page Number Title Number 2.15 Test Signals.......................................................................................................2-13 2.15.1 Test Clock (TCK)...........................................................................................2-13 2.15.2 Test Mode Select (TMS)..............................................................................2-13 2.15.3 Test Data In (TDI)..........................................................................................2-13 2.15.4 Test Data Out (TDO).....................................................................................2-13 2.16 Synthesizer Power (VCCSYN)..........................................................................2-13 2.17 System Power and Ground (VCC and GND)................................................2-13 2.18 Signal Summary...............................................................................................2-13 Section 3 Bus Operation 3.1 Bus Transfer Signals........................................................................................3-1 3.1.1 Bus Control Signals .....................................................................................3-2 3.1.2 Function Code Signals................................................................................3-3 3.1.3 Address Bus (A31–A0) ................................................................................3-4 3.1.4 Address Strobe ( AS)....................................................................................3-4 3.1.5 Data Bus (D15–D0) ......................................................................................3-4 3.1.6 Data Strobe ( DS)...........................................................................................3-4 3.1.7 Bus Cycle Termination Signals..................................................................3-4 3.1.7.1 Data Transfer and Size Acknowledge Signals ( DSACK1 and DSACK0).....................................................................3-4 3.1.7.2 Bus Error ( BERR).......................................................................................3-5 3.1.7.3 Autovector ( AVEC)....................................................................................3-5 3.2 Data Transfer Mechanism...............................................................................3-5 3.2.1 Dynamic Bus Sizing.....................................................................................3-5 3.2.2 Misaligned Operands...................................................................................3-7 3.2.3 Operand Transfer Cases.............................................................................3-7 3.2.3.1 Byte Operand to 8-Bit Port, Odd or Even (A0 = X) ..............................3-7 3.2.3.2 Byte Operand to 16-Bit Port, Even (A0 = 0)..........................................3-8 3.2.3.3 Byte Operand to 16-Bit Port, Odd (A0 = 1) ...........................................3-9 3.2.3.4 Word Operand to 8-Bit Port, Aligned .....................................................3-9 3.2.3.5 Word Operand to 16-Bit Port, Aligned...................................................3-10 3.2.3.6 Long-word Operand to 8-Bit Port, Aligned...........................................3-10 3.2.3.7 Long-Word Operand to 16-Bit Port, Aligned ........................................3-12 3.2.4 Bus Operation................................................................................................3-14 3.2.5 Synchronous Operation with DSACK ≈.....................................................3-14 3.2.6 Fast Termination Cycles..............................................................................3-15 3.3 Data Transfer Cycles........................................................................................3-16 3.3.1 Read Cycle.....................................................................................................3-16 3.3.2 Write Cycle.....................................................................................................3-18 3.3.3 Read-Modify-Write Cycle.............................................................................3-19 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Similar Part No. - MC68340FE16 |
|
Similar Description - MC68340FE16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |