Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1632H-R080G Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # RL1632H-R080G
Description  1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1632H-R080G Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  RL1632H-R080G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 7Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM440000NH
REVISION
: A0
PAGE
: 4 OF 7
Test Item
Condition of Test
Requirements
Load Life
Rated voltage for 1.5 hours followed by a
pause 0.5 hour at 70
± 2℃.
Cycle repeated 1000 hours
Refer to JIS C 5201-1 4.25
∆R : ± (0.5%+0.0005
)
Without distinct damage in
appearance
Damp Heat with Load
40
± 2℃ with relative humidity 90% to
95%. D.C. rated voltage for 1.5 hours
ON and 30 minutes OFF. Cycle
repeated 1,000 hours
Refer to JIS C 5201-1 4.24
∆R : ± (0.5%+0.0005
)
Without distinct damage in
appearance
Mechanical Shock
100 G’s for 6milliseconds. 5 pulses
Refer to JIS C 5201-1 4.21
∆R : ± (0.5%+0.0005
)
Without mechanical damage such
as break
Bending Test
Glass-Epoxy board thickness : 1.6mm
Bending width : 2mm
Between the fulcrums : 90mm
Refer to JIS C 5201-1 4.33
∆R : ±(0.5%+0.0005
)
Without mechanical damage such
as break


Similar Part No. - RL1632H-R080G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1632 ETC-RL1632 Datasheet
1Mb / 2P
   Low resistance chip resistors (short side terminal)
logo
DAESAN ELECTRONIC CORP.
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632-6C-R005G DAESAN-RL1632-6C-R005G Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632-6C-R005J DAESAN-RL1632-6C-R005J Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632-6C-R020F DAESAN-RL1632-6C-R020F Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
More results

Similar Description - RL1632H-R080G

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
   1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLW2012-4-R005F DELTA-RLW2012-4-R005F Datasheet
135Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R010F DELTA-RL0816-4-R010F Datasheet
144Kb / 7P
   1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1632W-4-R001F DAESAN-RL1632W-4-R001F Datasheet
131Kb / 6P
   1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RL1220-4-R010F DAESAN-RL1220-4-R010F Datasheet
113Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4S-R010F DAESAN-RL1220-4S-R010F Datasheet
187Kb / 8P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Delta Electronics, Inc.
RL2550H-R002F DELTA-RL2550H-R002F Datasheet
79Kb / 6P
   1/2W, 2550, L Type Low Resistance Chip Resistor (Lead free / Halogen Free)
RL3264L49-R005F DELTA-RL3264L49-R005F Datasheet
122Kb / 6P
   2W, 2512, 4-Terminal, Low Resistance Chip Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com