Selected language     English  â–¼


3-1318118-6 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 3-1318118-6
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 7 page
background image
22
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
37.8
30.69
Horizontal Type
Vertical Type
Panel / Free-hanging Type
24.3
17.19
23.8
17.69
2.5
B
A
12.03
6.8
Panel Cutout
E
±
0.05
D
±
0.05
7.5
9.45
6.6
C
F
4.75
A
Circuit #1
1.5
6.95
2.5
N=B
Circuit #1
7.5
9.45
1
A
C
2.5
N=B
1.5
6.95
Mating Dimensions
External Dimensions
Receptacle Housing
Tab Housing
Panel Type
Free-Hanging Type
No. of
Pos.
3
Part Number of
Receptacle Housing
Dimensions
AB
8.3
8.9
—
11.8
J
-1318120-3
1-1473074-3*
No. of
Pos.
3
Part Number of Tab Housing
Panel Type
Free-hanging Type
J
-1318116-3
J
-1318117-3
Dimensions
AB
C
D
**
E
**
F
**
10.2
54
10.5
16.5
16.38
**Applies only for panel type.
J
is for the following key codes: 1- (X-Type), 2- (Y-Type)
D-2100S (Continued)
Mating Receptacle Housing
Part Number:
J
-1318120-J
1-1473074-3
Mating Tab Connector
Part Number:
J
-1318116-J
J
-1318117-J
J
-1318123-J
J
-1376135-J
J
is for the following key codes: 1- (X-Type), 2- (Y-Type)
*Drawer Type
Drawer Type




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl