Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V320MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # V320MTC
Description  V320 8-Bit Registered Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

V320MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  V320MTC Datasheet HTML 1Page - Fairchild Semiconductor V320MTC Datasheet HTML 2Page - Fairchild Semiconductor V320MTC Datasheet HTML 3Page - Fairchild Semiconductor V320MTC Datasheet HTML 4Page - Fairchild Semiconductor V320MTC Datasheet HTML 5Page - Fairchild Semiconductor V320MTC Datasheet HTML 6Page - Fairchild Semiconductor V320MTC Datasheet HTML 7Page - Fairchild Semiconductor V320MTC Datasheet HTML 8Page - Fairchild Semiconductor V320MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 1998
Revised October 1998
© 1998 Fairchild Semiconductor Corporation
DS500149.prf
www.fairchildsemi.com
V320
8-Bit Registered Bus Transceiver
General Description
The V320 is an 8-bit universal bus transceiver designed for
high speed interfacing with the VME320 backplane. It has
output characteristics optimized for driving large capacitive
loads and features modified input levels (VIH/VIL) for
increased noise immunity and reduced input skew. The
V320 functionality consists of bus transceiver circuits with
3-STATE, D-type flip-flops, and control circuitry arranged
for multiplexed transmission of data directly from the input
bus or from the internal registers. Data on the A or B bus
will be clocked into the registers as the appropriate clock
pin goes to a high logic level. OE and direction pins are
provided to control the transceiver function. In the trans-
ceiver mode, data present at the high impedance port may
be stored in either the A or B register or in both. The select
controls can multiplex stored and real time (transparent
mode) data. The direction control determines which bus
will receive data when the enable control OE is active
LOW. In the isolation mode (OE HIGH) A data may be
stored in the B register and/or B data may be stored in the
A register.
Features
s Independent registers for A and B buses
s Multiplexed real-time and stored data
s Guaranteed output skew
s Guaranteed MOS (Multiple Output Switching) Specifica-
tions
s Output switching specified for both 50 pF and 250 pF,
and 500 pF loads
s Guaranteed simultaneous switching noise level (VOLP/
VOLV) and dynamic threshold performance (VIHD/VILD)
s Glitch free power up/down high impedance for live inser-
tion
s BiCMOS technology for high drive and low power dissi-
pation
s
−40°C to 85°C commercial temperature and V
CC specifi-
cations
s Modified specifications across VCC and temperature
(VCC = 5.0V ±1%, T = 25°C ± 20°C) present more realis-
tic system conditions
s Available in TSSOP (MTC)
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
V320MTC
MTC24
24-Lead Thin Shrink Small Outline Package, JEDEC MO-153, 4.4mm Wide
Pin Names
Description
D
Direction A-to-B (High) B-to A (Low)
OE
Output Enable (Active LOW)
CLKAB/SELAB
A-to-B Clock/Select
CLKBA/SELBA
B-to-A Clock/Select
A0–7
A Inputs/Outputs (TTL)
B0–7
B Inputs/Outputs (TTL)


Similar Part No. - V320MTC

ManufacturerPart #DatasheetDescription
logo
Heyco.
V3200 HEYCO-V3200 Datasheet
266Kb / 1P
   Tite Liquid Tight Cordgrips in Halogen Free V-0 Nylon
V3207 HEYCO-V3207 Datasheet
304Kb / 1P
   Tite Liquid Tight Cordgrips
logo
Littelfuse
V320LA10 LITTELFUSE-V320LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V320LA10 LITTELFUSE-V320LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V320LA10 LITTELFUSE-V320LA10 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V320MTC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336 Datasheet
64Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com