Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548EPXAUJB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8548EPXAUJB
Description  Integrated Processor Hardware Specifications
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548EPXAUJB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8548EPXAUJB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548EPXAUJB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 151 page
background image
© 2012 Freescale Semiconductor, Inc. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
1
Overview
This section provides a high-level overview of the device
features. The following figure shows the major functional
units within the device.
Although this document is written from the perspective of
the MPC8548E, most of the material applies to the other
family members, such as MPC8547E, MPC8545E, and
MPC8543E. When specific differences occur, such as pinout
differences and processor frequency ranges, they are
identified as such.
For specific PVR and SVR numbers, see the MPC8548E
PowerQUICC III Integrated Host Processor Reference
Manual.
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 10
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 15
4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 19
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 20
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
8. Enhanced Three-Speed Ethernet (eTSEC) . . . . . . . . 27
9. Ethernet Management Interface Electrical
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
11. Programmable Interrupt Controller . . . . . . . . . . . . . 53
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
14. GPOUT/GPIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
15. PCI/PCI-X . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
16. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 65
17. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
18. Serial RapidIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
19. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 91
20. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130
21. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134
22. System Design Information . . . . . . . . . . . . . . . . . . 135
23. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 145
24. Document Revision History . . . . . . . . . . . . . . . . . . 148
MPC8548E PowerQUICC III
Integrated Processor
Hardware Specifications
Document Number: MPC8548E
Rev. 9, 02/2012


Similar Part No. - MPC8548EPXAUJB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
   High-performance 32-bit core built on Power Architecture짰 technology.
More results

Similar Description - MPC8548EPXAUJB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
   Integrated Processor Hardware Specifications
MPC8245 FREESCALE-MPC8245_07 Datasheet
465Kb / 68P
   Integrated Processor Hardware Specifications
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
   Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
   Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
logo
Freescale Semiconductor...
MPC8544E FREESCALE-MPC8544E_10 Datasheet
1Mb / 117P
   Integrated Processor Hardware Specifications
MPC8548ECPXATGB FREESCALE-MPC8548ECPXATGB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
   Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com