Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSU1N60B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SSU1N60B
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSU1N60B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SSU1N60B Datasheet HTML 1Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 2Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 3Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 4Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 5Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 6Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 7Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 8Page - Fairchild Semiconductor SSU1N60B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
November 2001
Rev. B, November 2001
SSR1N60B / SSU1N60B
600V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supplies.
Features
• 0.9A, 600V, RDS(on) = 12Ω @VGS = 10 V
• Low gate charge ( typical 5.9 nC)
• Low Crss ( typical 3.6 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
SSR1N60B / SSU1N60B
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
0.9
A
- Continuous (TC = 100°C)
0.57
A
IDM
Drain Current
- Pulsed
(Note 1)
3.0
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
50
mJ
IAR
Avalanche Current
(Note 1)
0.9
A
EAR
Repetitive Avalanche Energy
(Note 1)
2.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
28
W
- Derate above 25°C
0.22
W/°C
TJ, Tstg
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
4.53
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
I-PAK
SSU Series
D-PAK
SSR Series
GS
D
GS
D


Similar Part No. - SSU1N60B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSU1N60B VBSEMI-SSU1N60B Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SSU1N60B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com