Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ6BQ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJ6BQ
Description  Thick Film Chip Resistors / Low Resistance Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ6BQ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJ6BQ Datasheet HTML 1Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 2Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 3Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 4Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 5Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors / Low Resistance Type
E
1
R
2
J
3
8
4
R
5
6
Q
7
F
8
R
9
2
10
2
11
V
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inches
0.125 W
0.1 W
0.2 W
0.125 W
0.25 W
0.25 W
0.33 W
0.25 W
0.5 W
0.5 W
1W
Power R.
Resistance Value
Code
S
Q
0.1
to 0.2
0.22
to 9.1
Resistance Tolerance
Code
F
G
J
Tolerance
± 1%
± 2%
± 5%
Shown by 3 digits or letters.
(Ex.) R22 : 0.22
Resistance Value
Packaging Methods
Code
Packaging
Punched Carrier Taping
(3R, 3B, 6R, 6B, 8R, 8B)
Embossed Carrier Taping
(14R, 14B, 12R, 1TR)
2B : 0402
3R : 0603
3B : 0603
6R : 0805
6B : 0805
8R : 1206
8B : 1206
14R : 1210
14B : 1210
12R : 1812
1TR : 2512
Res. VAlue
V
X
U
Punched Carrier Taping
2mm pitch (2BS/2BQ)
2B : 0.22
to 1.0
Thick Film Chip Resistors / Low Resistance Type
ERJ R, B : 0402, 0603, 0805, 1206, 1210, 1812, 2512
ERJ L
: 0603, 0805, 1206, 1210, 1812, 2010, 2512
Type:
ERJ 2B, 3R, 3B, 6R, 6B, 8R, 8B,
14R, 14B, 12R, 1TR
ERJ L03, L06, L08, L14, L12,
L1D, L1W
Features
● Small size and lightweight
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● Low Resistance Value
ERJ2BW Type : 47 m
to 91 m
ERJ6BW, 8BW Type : 10 m
to 47 m
ERJ2BS, 2BQ Type : 0.1
to 1.0
ERJ3R, 3B, 6R, 6B, 8R, 8B, 14R, 14B, 12R, 1TR Type : 0.1
to 9.1
ERJL03, L06, L08 Type : 47 m
to 100 m
ERJL14, L12 Type : 20 m
to 100 m
ERJL1D, L1W Type : 40 m
to 100 m
● Reference Standards
IEC 60115-8, JIS C 5201-8
Explanation of Part Numbers
● ERJ2BS/2BQ, 3R, 3B, 6R, 6B, 8R, 8B, 14R, 14B, 12R, 1TR Series
Feb. 2007


Similar Part No. - ERJ6BQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ6BQ PANASONIC-ERJ6BQ Datasheet
109Kb / 4P
   Thick Film Chip Resistors Low Resistance Type
ERJ6BQ PANASONIC-ERJ6BQ Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6BQ0805 PANASONIC-ERJ6BQ0805 Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6BQ0805 PANASONIC-ERJ6BQ0805 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6BQ0805 PANASONIC-ERJ6BQ0805 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJ6BQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com