Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS340RT Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # SS340RT
Description  Magnetic Sensors Line Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS340RT Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button SS340RT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 10Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 11Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 12Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 13Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
sensing.honeywell.com
SS360PT/SS460P.
Features:
Fastest response time in its
class • No chopper stabilization
• High sensitivity • Internal pull-up Hall IC
design • Latching magnetics
• Subminiature package size with tape
and reel packaging • Small, flat TO-92-
style package • Wide operating voltage
range of 3 Vdc to 24 Vdc • Built-in reverse
voltage capability • Robust design
• RoHS-compliant meets directive 2002/95
Benefits:
Fastest response time in its
class provides more efficiency in
commutating a brushless dc motor. No
chopper stabilization results in a clean
output signal. Operates from only 30
Gauss typical, at 25 °C [77 °F] and 55
Gauss maximum over the full -40 °C to
125 °C [-40 °F to 257 °F] temperature
range, allowing for the use of smaller,
magnets or a wider air gap. Internal pull-
up Hall IC design simplifies installation
and helps reduce component count and
system cost. Latching magnetics make
these products well-suited for accurate
speed sensing and RPM (revolutions per
minute) measurement. Sub-miniature,
SOT-23 surface mount package
(SS360PT) supplied on tape and reel
allows for compact design with automated
component placement. Small, leaded, flat
TO-92-style package (SS460P) allows for a
compact PC board layout. Wide operating
voltage range allows for potential use in a
wide range of applications. Built-in reverse
voltage capability enhances the protection
of the sensor and the circuits. Robust
design allows operation up to 125 °C
[257 °F]. Potential industrial/commercial
applications include brushless dc motor
commutation for white goods and other
appliances, flow rate sensing, speed and
RPM sensing, tachometer and counter
pickup, and motor and fan control.
SS361cT/SS461c.
Features:
Enhanced sensitivity • Latching
magnetics • Subminiature package size
with tape and reel packaging (SS361CT)
• Small, flat TO-92-style package
(SS461C) • Simple activation from a North
pole (SS361CT) or a South pole (SS461C)
• Built-in reverse voltage capability
Benefits:
Enhanced sensitivity allows
operation from only 50 G typ. at 25°C
[77 °F], 80 G max. at 60 °C to 85 °C [140
°F to 185 °F], and 95 Gauss over the full
temperature range of -40 °C to 125 °C [-40
°F to 257 °F], allowing the use of smaller,
potentially lower-cost magnets or wider
air gaps. Wide operating voltage range
of 4 Vdc to 24 Vdc for use in wide range
of potential applications. Subminiature
package size (SS361CT) uses less space
on the PCB than standard Hall-effect
sensor packages such as TO-92 or SOT-
89, allowing for use in smaller assemblies.
Tape and reel packaging (SS361CT) allows
for automated component placement,
helping to reduce manufacturing costs.
Small, flat TO-92-style package (SS461C)
is also available. Built-in reverse voltage
capability enhances protection of sensor
and circuits with which it is used. Latching
magnetics respond to alternating North
and South poles, making these products
well-suited for accurate speed sensing and
RPM measurement. Potential applications
include tachometer, counter pickup, motor
and fan control, flow-rate sensing for
appliances, robotics control, and medical
equipment using electric motors.
SS361RT/SS461R.
Features:
Latching magnetics
• Enhanced sensitivity • Subminiature
package size (SS361RT) • Low voltage:
3 V operation • Built-in reverse polarity
protection • Robust design: will operate
up to 150 °C [302 °F] • Through-hole
and surface-mount (SOT-23 and SOT-89)
packages
Benefits:
Enhanced sensitivity often
allows for the use of less expensive
magnets. Small size requires less PC board
space, allowing it to be used in smaller
assemblies. 3 V capability allows for use in
low voltage applications, promoting energy
efficiency. Available on tape and reel for
most high volume applications. Potential
applications include speed and RPM
sensing, brushless dc motor commutation,
tachometer, counter pickup, motor and
fan control, electric window lift, convertible
roof position and automotive transmission
position detection, flow-rate sensing,
robotics control.
SS400/SS500 Series.
Features:
Unipolar, bipolar, latching
magnetics • Sinking output • Multiple
operate/release points available
• Temperature compensated magnetics
with negative slope • High output current
capability • Small through-hole and
surface-mount (SOT-89) packages • Tape
and reel available
Benefits:
Quad Hall element design
minimizes effects of mechanical or thermal
stress on output and provides stable
output. Negative compensation slope
optimized to match negative temperature
coefficient of lower cost magnets, providing
robust design over wide temperature
range. Band gap regulation provides
stable operation over supply voltage
range. Potential applications include
speed and RPM sensing, brushless dc
motor commutation, motor and fan control,
magnetic encoding, disc speed, tape
rotation, flow-rate sensing, lid and door
closing detection, and position sensing.
SS41/SS51T Series.
Features:
Bipolar magnetics • Sinking
output • High output current capability
• Reverse polarity protection
Benefits:
Built-in regulator provides
enhanced operational stability over supply
voltage range. Open-collector digital
sinking output voltage easily interfaces with
wide variety of electronic circuits. Internal
circuitry prevents sensor damage in case
supply voltage polarity is accidentally
reversed. Potential applications include
brushless dc motor commutation, motor
and fan control, magnetic encoding, and
tape rotation sensing.
SS421 Series.
Features:
Bipolar magnetics • Sinking
output • Active high and active low
versions • Adjustable speed trip point with
external resistor and capacitor
• Temperature compensated
Benefits:
Internal circuitry contains
timer so that one or two pulses at slower
repetition rate than set point do not
produce unwanted output. Small amount
of hysteresis built into output provides
operation right at set point and does
not result in chattering output. User-


Similar Part No. - SS340RT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS340RT HONEYWELL-SS340RT Datasheet
442Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors
More results

Similar Description - SS340RT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
135-502FAF-J10 HONEYWELL-ACC-135-502FAF-J10 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com