Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548ECHXATHB Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHB
Description  Integrated Processor Hardware Specifications
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHB Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8548ECHXATHB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
3
Overview
— Performance monitor facility that is similar to, but separate from, the device performance
monitor
The e500 defines features that are not implemented on this device. It also generally defines some features
that this device implements more specifically. An understanding of these differences can be critical to
ensure proper operations.
512-Kbyte L2 cache/SRAM
— Flexible configuration.
— Full ECC support on 64-bit boundary in both cache and SRAM modes
— Cache mode supports instruction caching, data caching, or both.
— External masters can force data to be allocated into the cache through programmed memory
ranges or special transaction types (stashing).
— 1, 2, or 4 ways can be configured for stashing only.
— Eight-way set-associative cache organization (32-byte cache lines)
— Supports locking entire cache or selected lines. Individual line locks are set and cleared through
Book E instructions or by externally mastered transactions.
— Global locking and Flash clearing done through writes to L2 configuration registers
— Instruction and data locks can be Flash cleared separately.
— SRAM features include the following:
– I/O devices access SRAM regions by marking transactions as snoopable (global).
– Regions can reside at any aligned location in the memory map.
– Byte-accessible ECC is protected using read-modify-write transaction accesses for
smaller-than-cache-line accesses.
Address translation and mapping unit (ATMU)
— Eight local access windows define mapping within local 36-bit address space.
— Inbound and outbound ATMUs map to larger external address spaces.
– Three inbound windows plus a configuration window on PCI/PCI-X and PCI Express
– Four inbound windows plus a default window on RapidIO™
– Four outbound windows plus default translation for PCI/PCI-X and PCI Express
– Eight outbound windows plus default translation for RapidIO with segmentation and
sub-segmentation support
DDR/DDR2 memory controller
— Programmable timing supporting DDR and DDR2 SDRAM
— 64-bit data interface
— Four banks of memory supported, each up to 4 Gbytes, to a maximum of 16 Gbytes
— DRAM chip configurations from 64 Mbits to 4 Gbits with ×8/×16 data ports
— Full ECC support
— Page mode support
– Up to 16 simultaneous open pages for DDR


Similar Part No. - MPC8548ECHXATHB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548ECHXATHB FREESCALE-MPC8548ECHXATHB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8548ECHXATHB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
   Integrated Processor Hardware Specifications
MPC8245 FREESCALE-MPC8245_07 Datasheet
465Kb / 68P
   Integrated Processor Hardware Specifications
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
   Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
   Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
logo
Freescale Semiconductor...
MPC8544E FREESCALE-MPC8544E_10 Datasheet
1Mb / 117P
   Integrated Processor Hardware Specifications
MPC8548ECPXATGB FREESCALE-MPC8548ECPXATGB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
   Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com