Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ3RS0603 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ERJ3RS0603
Description  Thick Film Chip Resistors / Low Resistance Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ3RS0603 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ERJ3RS0603 Datasheet HTML 1Page - Panasonic Semiconductor ERJ3RS0603 Datasheet HTML 2Page - Panasonic Semiconductor ERJ3RS0603 Datasheet HTML 3Page - Panasonic Semiconductor ERJ3RS0603 Datasheet HTML 4Page - Panasonic Semiconductor ERJ3RS0603 Datasheet HTML 5Page - Panasonic Semiconductor ERJ3RS0603 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
– ER3 –
Safety Precautions
(Common precautions for Fixed Resistors)
• When using our products, no matter what sort of equipment they might be used for, be sure to make a written
agreement on the specifications with us in advance. The design and specifications in this catalog are subject
to change without prior notice.
• Do not use the products beyond the specifications described in this catalog.
• This catalog explains the quality and performance of the products as individual components. Before use, check
and evaluate their operations when installed in your products.
• Install the following systems for a failsafe design to ensure safety if these products are to be used in equipment
where a defect in these products may cause the loss of human life or other significant damage, such as damage to
vehicles (automobile, train, vessel), traffic lights, medical equipment, aerospace equipment, electric heating
appliances, combustion/gas equipment, rotating equipment, and disaster/crime prevention equipment.
✽ Systems equipped with a protection circuit and a protection device
✽ Systems equipped with a redundant circuit or other system to prevent an unsafe status in the event of a single fault
(1) Precautions for use
• These products are designed and manufactured for general and standard use in general electronic
equipment (e.g. AV equipment, home electric appliances, office equipment, information and communication
equipment)
• These products are not intended for use in the following special conditions. Before using the products, carefully
check the effects on their quality and performance, and determine whether or not they can be used.
1. In liquid, such as water, oil, chemicals, or organic solvent
2. In direct sunlight, outdoors, or in dust
3. In salty air or air with a high concentration of corrosive gas, such as Cl2, H2S, NH3, SO2, or NO2
4. Electric Static Discharge (ESD) Environment
These components are sensitive to static electricity and can be damaged under static shock (ESD).
Please take measures to avoid any of these environments.
Smaller components are more sensitive to ESD environment.
5. Electromagnetic Environment
Avoid any environment where strong electromagnetic waves exist.
6. In an environment where these products cause dew condensation
7. Sealing or coating of these products or a printed circuit board on which these products are mounted, with resin
or other materials
• These products generate Joule heat when energized. Carefully position these products so that their heat will not
affect the other components.
• Carefully position these products so that their temperatures will not exceed the category temperature range due
to the effects of neighboring heat-generating components. Do not mount or place heat-generating components or
inflammables, such as vinyl-coated wires, near these products .
• Note that non - cleaning solder, halogen - based highly active flux, or water- soluble flux may deteriorate the
performance or reliability of the products.
• Carefully select a flux cleaning agent for use after soldering. An unsuitable agent may deteriorate the
performance or reliability. In particular, when using water or a water-soluble cleaning agent, be careful not to leave
water residues. Otherwise, the insulation performance may be deteriorated.
(2) Precautions for storage
The performance of these products, including the solderability, is guaranteed for a year from the date of arrival at your
company, provided that they remain packed as they were when delivered and stored at a temperature of 5 °C to 35 °
C and a relative humidity of 45 % to 85 %.
Even within the above guarantee periods, do not store these products in the following conditions. Otherwise, their
electrical performance and/or solderability may be deteriorated, and the packaging materials (e.g. taping materials)
may be deformed or deteriorated, resulting in mounting failures.
1. In salty air or in air with a high concentration of corrosive gas, such as Cl2, H2S, NH3, SO2, or NO2
2. In direct sunlight
<Package markings>
Package markings include the product number, quantity, and country of origin.
In principle, the country of origin should be indicated in English.
Feb. 2006


Similar Part No. - ERJ3RS0603

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ3RS0603 PANASONIC-ERJ3RS0603 Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3RS0603 PANASONIC-ERJ3RS0603 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3RS0603 PANASONIC-ERJ3RS0603 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3RS0603 PANASONIC-ERJ3RS0603 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3RS0603 PANASONIC-ERJ3RS0603 Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
More results

Similar Description - ERJ3RS0603

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com