Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ6RS0805 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERJ6RS0805
Description  Thick Film Chip Resistors / Low Resistance Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ6RS0805 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERJ6RS0805 Datasheet HTML 1Page - Panasonic Semiconductor ERJ6RS0805 Datasheet HTML 2Page - Panasonic Semiconductor ERJ6RS0805 Datasheet HTML 3Page - Panasonic Semiconductor ERJ6RS0805 Datasheet HTML 4Page - Panasonic Semiconductor ERJ6RS0805 Datasheet HTML 5Page - Panasonic Semiconductor ERJ6RS0805 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors / Low Resistance Type
Preheating
Peak
Heating
Time
Chip Resistor
a
b
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 5 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 180 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
For soldering
For lead-free soldering
Temperature
TimeTemperature
Time
Preheating
140 °C to 180 °C
60 s to 120 s
150 °C to 180 °C
60 s to 120 s
Soldering
245 ± 5 °C
20 s to 30 s
max. 260 °C
max. 10 s
Recommended Land Pattern
In case of flow soldering, the land width must be smaller than the Chip Resistor width to control the solder amount properly.
Generally, the land width should be 0.7 to 0.8 times (W) of the width of chip resistor. In case of reflow soldering, solder
amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W).
Recommended Soldering Conditions
Recommendations and precautions are described below.
● Recommended soldering conditions for reflow
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
● Recommended soldering conditions for flow
Type (inches)
Dimensions (mm)
ab
c
ERJ2BW
(0402)
0.52
1.4 to 1.6
0.4 to 0.6
ERJ2B
(0402)
0.5 to 0.6
1.4 to 1.6
0.4 to 0.6
ERJ3R, 3B, L03 (0603)
0.7 to 0.9
2
to 2.2
0.8 to 1
ERJ6BW
(0805)
0.9
3.2 to 3.81.1 to 1.4
ERJ6R, 6B, L06 (0805)
1
to 1.4
3.2 to 3.8
0.9 to 1.4
ERJ8BW
(1206)
1.2
4.4 to 5
1.3 to 1.8
ERJ8R, 8B, L08 (1206)
2
to 2.4
4.4 to 5
1.2 to 1.8
ERJ14R, 14B, L14 (1210)
2
to 2.4
4.4 to 5
1.8 to 2.8
ERJ12R, L12
(1812)
3.3 to 3.7
5.7 to 6.5
2.3 to 3.5
ERJL1D
(2010)
3.6 to 4
6.2 to 7
1.8 to 2.8
ERJ1TR
(2512)
5
to 5.4
7.6 to 8.6
2.3 to 3.5
ERJL1W
(2512)
3.6 to 4
7.6 to 8.6
2.3 to 3.5
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
Safety Precautions
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors
shown on page ER3 of this catalog.
1. Take measures against mechanical stress during and after mounting of Thick Film Chip Resistors (hereafter called the
resistors) so as not to damage their electrodes and protective coatings.
2. If a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the operations
of the resistors when installed in your products before use.
Never exceed the rated power. Otherwise, the performance and/or reliability of the resistors may be impaired.
3. Do not use halogen-based or other high-activity flux. Otherwise, the residue may impair the resistors' performance
and/or reliability.
4. When soldering with a soldering iron, never touch the resistors' bodies with the tip of the soldering iron. When using a
soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at 350 °C max.).
5. As the amount of applied solder becomes larger, the mechanical stress applied to the resistors increases, causing
problems such as cracks and faulty characteristics. Avoid applying an excessive amount of solder.
6. Do not apply shock to the resistors or pinch them with a hard tool (e.g. pliers and tweezers). Otherwise, the resistors'
protective coatings and bodies may be chipped, affecting their performance.
7. Avoid excessive bending of printed circuit boards in order to protect the resistors from abnormal stress.
Feb. 2007


Similar Part No. - ERJ6RS0805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ6RS0805 PANASONIC-ERJ6RS0805 Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6RS0805 PANASONIC-ERJ6RS0805 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6RS0805 PANASONIC-ERJ6RS0805 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6RS0805 PANASONIC-ERJ6RS0805 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJ6RS0805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com