Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548ECHXAVJC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXAVJC
Description  Integrated Processor Hardware Specifications
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXAVJC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8548ECHXAVJC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548ECHXAVJC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
5
Overview
— AESU—Advanced Encryption Standard unit
– Implements the Rijndael symmetric key cipher
– ECB, CBC, CTR, and CCM modes
– 128-, 192-, and 256-bit key lengths
— AFEU—ARC four execution unit
Implements a stream cipher compatible with the RC4 algorithm
40- to 128-bit programmable key
— MDEU—message digest execution unit
– SHA with 160- or 256-bit message digest
– MD5 with 128-bit message digest
– HMAC with either algorithm
— KEU—Kasumi execution unit
– Implements F8 algorithm for encryption and F9 algorithm for integrity checking
– Also supports A5/3 and GEA-3 algorithms
— RNG—random number generator
— XOR engine for parity checking in RAID storage applications
Dual I2C controllers
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
Boot sequencer
— Optionally loads configuration data from serial ROM at reset via the I2C interface
— Can be used to initialize configuration registers and/or memory
— Supports extended I2C addressing mode
— Data integrity checked with preamble signature and CRC
DUART
— Two 4-wire interfaces (SIN, SOUT, RTS, CTS)
— Programming model compatible with the original 16450 UART and the PC16550D
Local bus controller (LBC)
— Multiplexed 32-bit address and data bus operating at up to 133 MHz
— Eight chip selects support eight external slaves
— Up to eight-beat burst transfers
— The 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller.
— Three protocol engines available on a per chip select basis:
– General-purpose chip select machine (GPCM)
– Three user programmable machines (UPMs)


Similar Part No. - MPC8548ECHXAVJC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548ECHXAVJC FREESCALE-MPC8548ECHXAVJC Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8548ECHXAVJC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
   Integrated Processor Hardware Specifications
MPC8245 FREESCALE-MPC8245_07 Datasheet
465Kb / 68P
   Integrated Processor Hardware Specifications
MPC8548CVTAUJD FREESCALE-MPC8548CVTAUJD Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
   Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
   Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
logo
Freescale Semiconductor...
MPC8544E FREESCALE-MPC8544E_10 Datasheet
1Mb / 117P
   Integrated Processor Hardware Specifications
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
   Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com