Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1507T-ESOQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16LF1507T-ESOQTP
Description  20-Pin Flash, 8-Bit Microcontrollers
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1507T-ESOQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC16LF1507T-ESOQTP Datasheet HTML 1Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 2Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 3Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 4Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 5Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 6Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 7Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 8Page - Microchip Technology PIC16LF1507T-ESOQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 266 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41586A-page 3
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• Up to 3.5 Kbytes Linear Program Memory
Addressing
• Up to 128 bytes Linear Data Memory Addressing
• Operating Speed:
- DC – 20 MHz clock input
- DC – 125 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
- Factory calibrated to
 1%, typical
- Software selectable frequency range from
16 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• Three External Clock modes up to 20 MHz
Special Microcontroller Features:
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF1507)
- 2.3V to 5.5V (PIC16F1507)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Programmable Low-Power Brown-Out Reset
(LPBOR)
• Extended Watch-Dog Timer (WDT):
- Programmable period from 1 ms to 256s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via two
pins
• Enhanced Low-Voltage Programming (LVP)
• Power-Saving Sleep mode
Low-Power Features (PIC16LF1507):
• Standby Current:
- 20 nA @ 1.8V, typical
• Operating Current:
-30
A per MHz @ 1.8V, typical
• Low-Power Watchdog Timer Current:
- 300 nA @ 1.8V, typical
Analog Features:
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- Up to 12 channels
- Auto acquisition capability
- Conversion available during Sleep
- FVR available as channel
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
Peripheral Features:
• 17 I/O Pins and 1 Input-only Pin:
- High current sink/source 25 mA/25 mA
- Individually programmable weak pull-ups
- Individually programmable
interrupt-on-change (IOC) pins
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Four 10-bit PWM modules
• Two Configurable Logic Cell (CLC) modules:
- 22 individual input sources
- Four inputs and 16 selectable input sources
per module
- Software selectable logic functions including:
AND/OR/XOR/D Flop/D Latch/SR/JK
- External and internal inputs/outputs
- Operation while in Sleep
• Numerically Controlled Oscillator (NCO):
- 20-bit Accumulator
- 16-bit Increment
- Linear frequency control
- High-speed clock input
- Selectable Output modes
- Fixed Duty Cycle (FDC) mode
- Pulse Frequency (PF) mode
• Complementary Waveform Generator (CWG):
- 6 selectable signal sources
- Selectable falling and rising edge dead-band
control
- Polarity control
- 2 auto-shutdown sources
- Multiple input sources: PWM, CLC, NCO
20-Pin Flash, 8-Bit Microcontrollers
PIC16(L)F1507


Similar Part No. - PIC16LF1507T-ESOQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
More results

Similar Description - PIC16LF1507T-ESOQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
   14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
   8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
   8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
   8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC16F1704 MICROCHIP-PIC16F1704 Datasheet
5Mb / 51P
   14/20-Pin 8-Bit Advanced Analog Flash Microcontrollers
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com