Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCD0424D24 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCD0424D24
Description  Continuous Short Circuit Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCD0424D24 Datasheet(HTML) 1 Page - XP Power Limited

  JCD0424D24 Datasheet HTML 1Page - XP Power Limited JCD0424D24 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINAR
Y
Specification
4 Watts
2:1 Input Range
Industry Standard Package
1600 VDC Isolation
Continuous Short Circuit Protection
40 °C to +100 °C Operating Temperature
Single & Dual Outputs
3 Year Warranty
JCD Series
Input
Input Voltage Range
• 5 V (4.5-9 VDC)
12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-72 VDC)
Input Current
• See table
Input Reflected
• 35 mA rms through 12 µH inductor
Ripple Current
Input Filter
• Pi network
Input Surge
• 5 V models 15 VDC for 100 ms
12 V models 24 VDC for 100 ms
24 V models 40 VDC for 100 ms
48 V models 80 VDC for 100 ms
Output
Output Voltage
• See table
Setpoint Accuracy
• ±1% (±2% for JCD0412/24/48S3V3
& D03 models)
Voltage Balance
• ±1% (±2% D03 models)
Minimum Load
• No minimum load required
Line Regulation
• ±0.5%
Load Regulation
• ±0.5% single outputs, ±1.5% for S3V3 &
D03 models
Cross Regulation
• ±5% (see note 1)
Ripple & Noise
• 60 mV pk-pk, 20 MHz bandwidth
Start Up Delay
• 20 ms typical for 5 V input models,
500 ms typical for 12/24/48 V input
models
Transient Response
• 3% max deviation, recovery to within 1%
in 250 µs (5% & 300 µS for
JCD0412/24/48S3V3 & D03 models) for a
25% load change
Temperature
• 0.02%/°C
Coefficient
Overload Protection
• 150% of full load on 5 V input models only
Short Circuit Protection
• Indefinite with auto recovery
Maximum Capacitive
• See table
Load
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1600 VDC Input to Output
For optional high isolation versions
3500 VDC Input to Output add suffix -H to
model number
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• 500 pF typical input to output
Isolation Resistance
• 109
Switching Frequency
• 266 kHz typical
Power Density
• 10 W/in3
MTBF
• >1.1 MHrs to MIL-STD-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C (see derating curve)
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +125 °C
Cooling
• Convection-cooled
Operating Humidity
• Up to 95% RH, non-condensing
EMC
Emissions
• EN55022 Class A conducted with external
components, see application note
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria B
Radiated Immunity
• EN61000-4-3, 10 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria B*
Surge
• EN61000-4-5, level 2, Perf Criteria A*
Conducted Immunity
• EN61000-4-6, 10 Vrms, Perf Criteria B*
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria B*
*External input capacitor required, 220 µF/100 V


Similar Part No. - JCD0424D24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424D24 XPPOWER-JCD0424D24 Datasheet
201Kb / 4P
   2 1 Input Range
More results

Similar Description - JCD0424D24

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com