Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH32MN560K23 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH32MN560K23
Description  Chip Inductor (Chip Coil) for General Use Wire Wound Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH32MN560K23 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH32MN560K23 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH32MN560K23 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH32MN560K23 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Wire Wound Type
2012.11.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32M Series (1210 Size)
c Dimensions
2.5±0.2
2.5±0.2
3.2±0.3
0.9±0.3
1.3±0.2
0.9±0.3
2.5±0.2
2.5±0.2
A
A: 2.8 max.
* Please refer to the dimention A for
LQH32CN_33 (2R2M, 4R7M, 100K)
types. (See Fig. 1)
Fig. 1
2.5±0.2
(in mm)
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
2000
K
330mm Embossed Tape
7500
c Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency Rated Current
Max. of DC Resistance Q (min.) Test Frequency Self Resonance Frequency (min.)
LQH32MN1R0M23
p 1.0µH ±20%
1MHz
445mA
0.5ohm
20
1MHz
100MHz
LQH32MN1R2M23
p 1.2µH ±20%
1MHz
425mA
0.6ohm
20
1MHz
100MHz
LQH32MN1R5K23
p 1.5µH ±10%
1MHz
400mA
0.6ohm
20
1MHz
75MHz
LQH32MN1R8K23
p 1.8µH ±10%
1MHz
390mA
0.7ohm
20
1MHz
60MHz
LQH32MN2R2K23
p 2.2µH ±10%
1MHz
370mA
0.8ohm
20
1MHz
50MHz
LQH32MN2R7K23
p 2.7µH ±10%
1MHz
320mA
0.9ohm
20
1MHz
43MHz
LQH32MN3R3K23
p 3.3µH ±10%
1MHz
300mA
1.0ohm
20
1MHz
38MHz
LQH32MN3R9K23
p 3.9µH ±10%
1MHz
290mA
1.1ohm
20
1MHz
35MHz
LQH32MN4R7K23
p 4.7µH ±10%
1MHz
270mA
1.2ohm
20
1MHz
31MHz
LQH32MN5R6K23
p 5.6µH ±10%
1MHz
250mA
1.3ohm
20
1MHz
28MHz
LQH32MN6R8K23
p 6.8µH ±10%
1MHz
240mA
1.5ohm
20
1MHz
25MHz
LQH32MN8R2K23
p 8.2µH ±10%
1MHz
225mA
1.6ohm
20
1MHz
23MHz
LQH32MN100J23
p
10µH ±5%
1MHz
190mA
1.8ohm
35
1MHz
20MHz
LQH32MN100K23
p 10µH ±10%
1MHz
190mA
1.8ohm
35
1MHz
20MHz
LQH32MN120J23
p
12µH ±5%
1MHz
180mA
2.0ohm
35
1MHz
18MHz
LQH32MN120K23
p 12µH ±10%
1MHz
180mA
2.0ohm
35
1MHz
18MHz
LQH32MN150J23
p
15µH ±5%
1MHz
170mA
2.2ohm
35
1MHz
16MHz
LQH32MN150K23
p 15µH ±10%
1MHz
170mA
2.2ohm
35
1MHz
16MHz
LQH32MN180J23
p
18µH ±5%
1MHz
165mA
2.5ohm
35
1MHz
15MHz
LQH32MN180K23
p 18µH ±10%
1MHz
165mA
2.5ohm
35
1MHz
15MHz
LQH32MN220J23
p
22µH ±5%
1MHz
150mA
2.8ohm
35
1MHz
14MHz
LQH32MN220K23
p 22µH ±10%
1MHz
150mA
2.8ohm
35
1MHz
14MHz
LQH32MN270J23
p
27µH ±5%
1MHz
125mA
3.1ohm
35
1MHz
13MHz
LQH32MN270K23
p 27µH ±10%
1MHz
125mA
3.1ohm
35
1MHz
13MHz
LQH32MN330J23
p
33µH ±5%
1MHz
115mA
3.5ohm
40
1MHz
12MHz
LQH32MN330K23
p 33µH ±10%
1MHz
115mA
3.5ohm
40
1MHz
12MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range (Self-temperature rise is not included): -40 to +85°C
Continued on the following page.


Similar Part No. - LQH32MN560K23

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN560K23 MURATA-LQH32MN560K23 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH32MN560K23K MURATA-LQH32MN560K23K Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQH32MN560K23p MURATA-LQH32MN560K23p Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
More results

Similar Description - LQH32MN560K23

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
LQH32MN470J23L MURATA-LQH32MN470J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQH32MN1R0M23L MURATA-LQH32MN1R0M23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com