Electronic Components Datasheet Search |
|
MPC8360VVALFHA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
MPC8360VVALFHA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 102 page MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5 6 Freescale Semiconductor — DRAM chip configurations from 64 Mbits to 1 Gigabit with ×8/×16 data ports — Full ECC support (when the MPC8360E is configured as 2×32-bit DDR memory controllers, both support ECC) — Page mode support (up to 16 simultaneous open pages for DDR1, up to 32 simultaneous open pages for DDR2) — Contiguous or discontiguous memory mapping — Read-modify-write support — Sleep mode support for self refresh SDRAM — Supports auto refreshing — Supports source clock mode — On-the-fly power management using CKE — Registered DIMM support — 2.5-V SSTL2 compatible I/O for DDR1, 1.8-V SSTL2 compatible I/O for DDR2 — External driver impedance calibration — On-die termination (ODT) • PCI interface — PCI Specification Revision 2.3 compatible — Data bus widths: – Single 32-bit data PCI interface that operates at up to 66 MHz — PCI 3.3-V compatible (not 5-V compatible) — PCI host bridge capabilities on both interfaces — PCI agent mode supported on PCI interface — Support for PCI-to-memory and memory-to-PCI streaming — Memory prefetching of PCI read accesses and support for delayed read transactions — Support for posting of processor-to-PCI and PCI-to-memory writes — On-chip arbitration, supporting five masters on PCI — Support for accesses to all PCI address spaces — Parity support — Selectable hardware-enforced coherency — Address translation units for address mapping between host and peripheral — Dual address cycle supported when the device is the target — Internal configuration registers accessible from PCI • Local bus controller (LBC) — Multiplexed 32-bit address and data operating at up to 133 MHz — Eight chip selects support eight external slaves — Up to eight-beat burst transfers — 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller — Three protocol engines available on a per chip select basis: – General-purpose chip select machine (GPCM) – Three user programmable machines (UPMs) – Dedicated single data rate SDRAM controller — Parity support — Default boot ROM chip select with configurable bus width (8-, 16-, or 32-bit) • Programmable interrupt controller (PIC) — Functional and programming compatibility with the MPC8260 interrupt controller — Support for 8 external and 35 internal discrete interrupt sources — Support for one external (optional) and seven internal machine checkstop interrupt sources |
Similar Part No. - MPC8360VVALFHA |
|
Similar Description - MPC8360VVALFHA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |