Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041AEX3-1.2-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LM4041AEX3-1.2-T
Description  Improved Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4041AEX3-1.2-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  LM4041AEX3-1.2-T Datasheet HTML 1Page - Maxim Integrated Products LM4041AEX3-1.2-T Datasheet HTML 2Page - Maxim Integrated Products LM4041AEX3-1.2-T Datasheet HTML 3Page - Maxim Integrated Products LM4041AEX3-1.2-T Datasheet HTML 4Page - Maxim Integrated Products LM4041AEX3-1.2-T Datasheet HTML 5Page - Maxim Integrated Products LM4041AEX3-1.2-T Datasheet HTML 6Page - Maxim Integrated Products LM4041AEX3-1.2-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The LM4041 is a precision two-terminal shunt mode,
bandgap voltage reference with a fixed reverse break-
down voltage of 1.225V. Ideal for space-critical appli-
cations, the LM4041 is offered in the subminiature 3-pin
SC70 surface-mount package (1.8mm 1.8mm), 50%
smaller than comparable devices in SOT23 surface-
mount packages (SOT23 versions are also available).
Laser-trimmed resistors ensure precise initial accuracy.
With a 100ppm/°C temperature coefficient, the device
is offered in four grades of initial accuracy ranging from
0.1% to 1%. The LM4041 has a 60µA to 12mA shunt
current capability with low dynamic impedance, ensur-
ing stable reverse-breakdown voltage accuracy over a
wide range of operating temperatures and currents.
The LM4041 does not require an external stabilizing
capacitor while ensuring stability with any capacitive
load.
The LM4041 is guaranteed over the temperature range
-40°C to +125°C.
________________________Applications
Portable, Battery-Powered Equipment
Notebook Computers
Cell Phones
Industrial Process Controls
Features
♦ Ultra-Small 3-Pin SC70 Package
♦ 0.1% (max) Initial Accuracy
♦ 100ppm/°C (max) Temperature Coefficient
Guaranteed over -40°C to +125°C Temperature
Range
♦ Wide Operating Current Range: 60µA to 12mA
♦ Low 20µVRMS Output Noise (10Hz to 10kHz)
♦ 1.225V Fixed Reverse Breakdown Voltage
♦ No Output Capacitors Required
♦ Tolerates Capacitive Loads
Improved Precision Micropower
Shunt Voltage Reference
________________________________________________________________ Maxim Integrated Products
1
-
1
3
N.C.*
+
LM4041
SC70-3/SOT23-3
TOP VIEW
2
*PIN 3 MUST BE LEFT FLOATING OR CONNECTED TO PIN 2.
PART
INITIAL
ACCURACY
(%)
OUTPUT
VOLTAGE
(V)
TEMPCO
(ppm/°C)
LM4041A___-1.2-T
0.1
1.225
100
LM4041B___-1.2-T
0.2
1.225
100
LM4041C___-1.2-T
0.5
1.225
100
LM4041D___-1.2-T
1.0
1.225
150
Pin Configuration
Selector Guide
19-1704; Rev 5; 1/09
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
LM4041AIX3-1.2+T
-40°C to +85°C
3 SC70-3
ABF
LM4041AIM3-1.2+T
-40°C to +85°C
3 SOT23-3
FZEB
LM4041AEX3-1.2+T
-40°C to +125°C
3 SC70-3
ALB
LM4041AEM3-1.2+T
-40°C to +125°C
3 SOT23-3
FZNC
LM4041BIX3-1.2+T
-40°C to +85°C
3 SC70-3
ABG
LM4041BIM3-1.2+T
-40°C to +85°C
3 SOT23-3
FZEC
LM4041BEX3-1.2+T
-40°C to +125°C
3 SC70-3
ALC
LM4041BEM3-1.2+T
-40°C to +125°C
3 SOT23-3
FZND
LM4041CIX3-1.2+T
-40°C to +85°C
3 SC70-3
ABH
LM4041CIM3-1.2+T
-40°C to +85°C
3 SOT23-3
FZED
LM4041CEX3-1.2+T
-40°C to +125°C
3 SC70-3
ALD
LM4041CEM3-1.2+T
-40°C to +125°C
3 SOT23-3
FZNE
LM4041DIX3-1.2+T
-40°C to +85°C
3 SC70-3
ABI
LM4041DIM3-1.2+T
-40°C to +85°C
3 SOT23-3
FZEE
LM4041DEX3-1.2+T
-40°C to +125°C
3 SC70-3
ALE
LM4041DEM3-1.2+T
-40°C to +125°C
3 SOT23-3
FZNF
Note: For leaded version, contact factory.
*See Selector Guide for a listing of LM4041 Output Voltage,
Initial Accuracy, and Temperature Coefficient specifications.
+Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - LM4041AEX3-1.2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4041AEX3-1.2+T MAXIM-LM4041AEX3-1.2+T Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
More results

Similar Description - LM4041AEX3-1.2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4041 MAXIM-LM4041 Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com