Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTVN16857MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SSTVN16857MTD
Description  14-Bit Register with SSTL-2 Compatible I/O and Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSTVN16857MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SSTVN16857MTD Datasheet HTML 1Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 2Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 3Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 4Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 5Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 6Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the “Electrical
Characteristics” table are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: The RESET input of the device must be held at VDD or GND to
ensure proper device operation. The differential inputs must not be floating,
unless RESET is asserted LOW.
DC Electrical Characteristics (SSTV16857) (2.3V d V
DD d 2.7V)
Supply Voltage (VDDQ)
0.5V to 3.6V
Supply Voltage (VDD)
0.5V to 3.6V
Reference Voltage (VREF)
0.5V to 3.6V
Input Voltage (VI)
0.5V to VDD  0.5V
Output Voltage (VO)
Outputs Active (Note 2)
0.5V to VDDQ  0.5V
DC Input Diode Current (IIK)
VI  0V
50 mA
VI ! VDD
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VDD
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VDD or Ground Current
per Supply Pin (IDD or Ground)
r100 mA
Storage Temperature Range (Tstg)
65qC to 150qC
Power Supply (VDDQ)
SSTV16857
2.3V to 2.7V
SSTVN16857
2.5V to 2.7V
Power Supply (VDD)
Operating Range
VDDQ to 2.7V
Reference Supply (VREF VDDQ/2)
SSTV16857
1.15 to 1.35
SSTVN16857
1.25 to 1.35
Termination Voltage (VTT)VREF r 40 mV
Input Voltage
0V to VDD
Output Voltage (VO)
Output in Active States
0V to VDDQ
Output Current IOH/IOL
VDD 2.3V to 2.7V
SSTV16857
r20 mA
VDD 2.5V to 2.7V
SSTVN16857
r20 mA
Free Air Operating Temperature (TA)0qC to 70qC
Symbol
Parameter
Conditions
VDD
Min
Max
Units
(V)
VIKL
Input LOW Clamp Voltage
II 18 mA
2.3
1.2
V
VIKH
Input HIGH Clamp Voltage
II 18 mA
2.3
3.5
V
VIH-AC
AC HIGH Level Input Voltage
Data Inputs
VREF310mV
V
VIL-AC
AC LOW Level Input Voltage
Data Inputs
VREF310mV
V
VIH-DC
DC HIGH Level Input Voltage
Data Inputs
VREF150mV
V
VIL-DC
DC LOW Level Input Voltage
Data Inputs
VREF150mV
V
VIH
HIGH Level Input Voltage
RESET
1.7
V
VIL
LOW Level Input Voltage
RESET
0.7
V
VICR
Common Mode Input Voltage Range
CLK, CLK
0.97
1.53
V
VI(PP)
Peak to Peak Input Voltage
CLK, CLK
360
mV
VOH
HIGH Level Output Voltage
IOH 100 PA
2.3 to 2.7
VDD  0.2
V
IOH 16 mA
2.3
1.95
VOL
LOW Level Output Voltage
IOL 100 PA
2.3 to 2.7
0.2
V
IOL 16 mA
2.3
0.35
II
Input Leakage Current
VI VDD or GND
2.7
r5.0
PA
IDD
Static Standby
RESET
GND, IO 0
2.7
10
PA
Static Operating
RESET
VDD, IO 0
25
mA
VI VIH(AC) or VIL(AC)


Similar Part No. - SSTVN16857MTD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
SSTVN16859BS PHILIPS-SSTVN16859BS Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
More results

Similar Description - SSTVN16857MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16859 FAIRCHILD-SSTV16859 Datasheet
168Kb / 8P
   Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTVF16857 TI1-SN74SSTVF16857_09 Datasheet
347Kb / 12P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com