Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OH543 Datasheet(PDF) 1 Page - Nanjing Ouzhuo Technology Co., Ltd.

Part # OH543
Description  Unipolar Hall Effect IC In SMD Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHHALLSENSOR [Nanjing Ouzhuo Technology Co., Ltd.]
Direct Link  http://www.ohhallsensor.com
Logo OHHALLSENSOR - Nanjing Ouzhuo Technology Co., Ltd.

OH543 Datasheet(HTML) 1 Page - Nanjing Ouzhuo Technology Co., Ltd.

  OH543 Datasheet HTML 1Page - Nanjing Ouzhuo Technology Co., Ltd. OH543 Datasheet HTML 2Page - Nanjing Ouzhuo Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OH543
Unipolar Hall Effect IC In SMD Package
Page 1
Nanjing
Nanjing
Nanjing
Nanjing Ouzhuo
Ouzhuo
Ouzhuo
Ouzhuo Technology
Technology
Technology
Technology co.,
co.,
co.,
co., Ltd
Ltd
Ltd
Ltd
Http://www.ohhall.com
www.ohhall.com
www.ohhall.com
www.ohhall.com
wwww.zbling.com
wwww.zbling.com
wwww.zbling.com
wwww.zbling.com
Tel:
025-52312738,
83247886
Fax:
025-52312738
E-mail: ohhall@163.com
ouzhuotec@163.com
Order
Order
Order
Order Information
Information
Information
Information
PN
OH543
Operate temperature
-40~150℃
Package
1000pcs/reel
General
General
General
General Description
Description
Description
Description:::: OH543 is a switched Hall-Effect IC which is for
contactless switching applications. The device includes an on-chip Hall voltage
generator for magnetic sensing, an amplifier that amplifies the Hall voltage, a
schmitt trigger to provide switching hysteresis for noise rejection, and an
open-collector output.
Features
Features
Features
Features
High reliability
good temperature performance
anti-environmental stress
Reverse Polarity Protection
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings (TA=25℃)
Supply VoltageVCC··············4-30V
Operating Temperature Range TA ········-40 ~ 150℃
Output Current IO·················50mA
Storage Temperature RangeTS ················-65~150℃
Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (Ta= 25°C )
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Supply Voltage
VCC
4
-
30
V
Output Saturation Voltage
VOL
Vcc=4.5V, Iout=20mA,
B≥BOP
-
0.2
0.4
V
Output Leakage Current
IOH
Vout=24V,B≤BRP
-
0.1
10
μA
Supply Current
ICC
VCC=Vccmax OC output
-
5
-
mA
Output Rise Time
tr
Vcc=12V, RL=820Ω,
CL=20pF
-
0.2
2.0
μS
Output Falling Time
tf
-
0.18
2.0
μS
Applications
Applications
Applications
Applications
Speed measurement
Home appliances
Position detection
Flow measurement
Magnetic-electrical
Magnetic-electrical
Magnetic-electrical
Magnetic-electrical Transfer
Transfer
Transfer
Transfer Characteristics
Characteristics
Characteristics
Characteristics Functional
Functional
Functional
Functional Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram:
REG
REG
REG
REG
m
AMP
Pin1.VCC
Pin3.Vout
Pin2.GND
VOUT
BH
BRP
BOP
B
VOH
VOL
0


Similar Description - OH543

ManufacturerPart #DatasheetDescription
logo
Nanjing Ouzhuo Technolo...
OH44EW OHHALLSENSOR-OH44EW Datasheet
141Kb / 2P
   Unipolar Hall Effect IC In SMD Package
logo
Winson Semiconductor Co...
WSH1132 WINSON-WSH1132 Datasheet
145Kb / 4P
   Unipolar Hall Effect Switch IC
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
   Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_17 Datasheet
178Kb / 4P
   Unipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130NL DIWELL-WSH130NL Datasheet
174Kb / 4P
   Unipolar Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL Datasheet
147Kb / 5P
   Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134 Datasheet
102Kb / 4P
   Unipolar Hall Effect Switch IC
logo
Nanjing Ouzhuo Technolo...
OH44E OHHALLSENSOR-OH44E Datasheet
153Kb / 2P
   Unipolar Hall Effect Switch IC
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL_13 Datasheet
146Kb / 4P
   Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_13 Datasheet
143Kb / 4P
   Unipolar Hall Effect Switch IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com