Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041CEM3-1.2-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LM4041CEM3-1.2-T
Description  Improved Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4041CEM3-1.2-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  LM4041CEM3-1.2-T Datasheet HTML 1Page - Maxim Integrated Products LM4041CEM3-1.2-T Datasheet HTML 2Page - Maxim Integrated Products LM4041CEM3-1.2-T Datasheet HTML 3Page - Maxim Integrated Products LM4041CEM3-1.2-T Datasheet HTML 4Page - Maxim Integrated Products LM4041CEM3-1.2-T Datasheet HTML 5Page - Maxim Integrated Products LM4041CEM3-1.2-T Datasheet HTML 6Page - Maxim Integrated Products LM4041CEM3-1.2-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Improved Precision Micropower
Shunt Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Reverse Current (cathode to anode) ..................................20mA
Forward Current (anode to cathode) ..................................10mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW/°C above +70°C) ............174mW
3-Pin SOT23 (derate 4.01mW/°C above +70°C)..........320mW
Operating Temperature Range
LM4041_I_ _ _..................................................-40°C to +85°C
LM4041_E_ _ _ ..............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) ................................+300° C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4041A (0.1%)
1.2238
1.2250
1.2262
LM4041B (0.2%)
1.2226
1.2250
1.2275
LM4041C (0.5%)
1.2189
1.2250
1.2311
Reverse Breakdown Voltage
VR
TA = +25°C
LM4041D (1.0%)
1.2128
1.2250
1.2373
V
LM4041A (0.1%)
±1.2
±9.2
LM4041B (0.2%)
±2.4
±10.4
LM4041C (0.5%)
±6.0
±14
Reverse Breakdown Voltage
Tolerance (Note 2)
ΔVR
LM4041D (1.0%)
±12
±24
mV
LM4041A/B/C
45
60
Minimum Operating Current
IRMIN
LM4041D
45
65
μA
IR = 10mA
±20
LM4041A/B/C
±15
±100
IR = 1mA
LM4041D
±15
±150
Average Reverse Voltage
Temperature Coefficient
(Notes 2 and 3)
ΔVR/ΔT
IR = 100
μA
±15
ppm/
°C
LM4041A/B/C
0.7
1.5
IRMIN
≤ IR ≤ 1mA
LM4041D
0.7
2.0
LM4041A/B/C
2.5
8.0
Reverse Breakdown Voltage
Change with Operating
Current Change
ΔVR/ΔIR
1mA
≤ IR ≤ 12mA
LM4041D
2.5
10.0
mV
LM4041A/B/C
0.5
1.5
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz,
IAC = 0.1IR
LM4041D
0.5
2.0
Ω


Similar Part No. - LM4041CEM3-1.2-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041CEM3-1.2 NSC-LM4041CEM3-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041CEM3-1.2 TI1-LM4041CEM3-1.2 Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041CEM3-1.2 TI1-LM4041CEM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CEM3-1.2 TI1-LM4041CEM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CEM3-1.2 TI1-LM4041CEM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041CEM3-1.2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4041 MAXIM-LM4041 Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com