Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO92S-3 Datasheet(PDF) 2 Page - Nanjing Ouzhuo Technology Co., Ltd.

Part # TO92S-3
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHHALLSENSOR [Nanjing Ouzhuo Technology Co., Ltd.]
Direct Link  http://www.ohhallsensor.com
Logo OHHALLSENSOR - Nanjing Ouzhuo Technology Co., Ltd.

TO92S-3 Datasheet(HTML) 2 Page - Nanjing Ouzhuo Technology Co., Ltd.

  TO92S-3 Datasheet HTML 1Page - Nanjing Ouzhuo Technology Co., Ltd. TO92S-3 Datasheet HTML 2Page - Nanjing Ouzhuo Technology Co., Ltd. TO92S-3 Datasheet HTML 3Page - Nanjing Ouzhuo Technology Co., Ltd. TO92S-3 Datasheet HTML 4Page - Nanjing Ouzhuo Technology Co., Ltd. TO92S-3 Datasheet HTML 5Page - Nanjing Ouzhuo Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OH921
HIGH
HIGH
HIGH
HIGH SENSITIVITY
SENSITIVITY
SENSITIVITY
SENSITIVITY CMOS
CMOS
CMOS
CMOS HALL-EFFECT
HALL-EFFECT
HALL-EFFECT
HALL-EFFECT LATCH
LATCH
LATCH
LATCH
Page 2
Nanjing
Nanjing
Nanjing
Nanjing Ouzhuo
Ouzhuo
Ouzhuo
Ouzhuo Technology
Technology
Technology
Technology co.,
co.,
co.,
co., Ltd
Ltd
Ltd
Ltd
www.ohhall.com
www.zbling.com
Tel:86-25-52312738,86-25-83247886
FAX: 86-25-52312738
E-mail: ohhall@163.com
Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics
Vcc =12V, TA=25°C, unless otherwise specified
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Supply Voltage
VCC
3.5
12
24
V
Output Saturation
Voltage
VSAT
IOUT=20mA, B>BOP
-
185
500
mV
Output Leakage Current
ILEAKAGE
VCC=VOUT=24V, B<BRP
-
0.1
10
μA
Supply Current
ICC
VCC=12V
-
3
5
mA
Output Rise Time
tr
CL=20pF
-
0.4
2
μS
Output Falling Time
tf
-
0.4
2
μS
Magnetic
Magnetic
Magnetic
Magnetic Characteristics
Characteristics
Characteristics
Characteristics
Vcc =12V, TA=25°C, (1mT = 10 Gauss)
Parameter
symbol
Value
Unit
Min
Typ
Max
Operate Point
BOP
0.5
2.2
4
mT
Release Point
BRP
-4
-2.2
-0.5
mT
Hysteresis
BH
-
4.5
-
mT
T
T
T
Typical
ypical
ypical
ypical Application
Application
Application
Application:


Similar Part No. - TO92S-3

ManufacturerPart #DatasheetDescription
logo
Nanjing Ouzhuo Technolo...
TO92S-3 OHHALLSENSOR-TO92S-3 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results

Similar Description - TO92S-3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
   Ultra High Sensitivity Hall Effect Latch
logo
SEC Electronics Inc.
SS2412 SECELECTRONICS-SS2412 Datasheet
314Kb / 9P
   CMOS High Sensitivity Micropower Hall Latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com