Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OH9249 Datasheet(PDF) 2 Page - Nanjing Ouzhuo Technology Co., Ltd.

Part # OH9249
Description  High Sensitivity Micropower Omnipolar Hall-Effect Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHHALLSENSOR [Nanjing Ouzhuo Technology Co., Ltd.]
Direct Link  http://www.ohhallsensor.com
Logo OHHALLSENSOR - Nanjing Ouzhuo Technology Co., Ltd.

OH9249 Datasheet(HTML) 2 Page - Nanjing Ouzhuo Technology Co., Ltd.

  OH9249 Datasheet HTML 1Page - Nanjing Ouzhuo Technology Co., Ltd. OH9249 Datasheet HTML 2Page - Nanjing Ouzhuo Technology Co., Ltd. OH9249 Datasheet HTML 3Page - Nanjing Ouzhuo Technology Co., Ltd. OH9249 Datasheet HTML 4Page - Nanjing Ouzhuo Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OH9249
High
High
High
High Sensitivity
Sensitivity
Sensitivity
Sensitivity Micropower
Micropower
Micropower
Micropower Omnipolar
Omnipolar
Omnipolar
Omnipolar Hall-Effect
Hall-Effect
Hall-Effect
Hall-Effect Switch
Switch
Switch
Switch
Page 2
Nanjing
Nanjing
Nanjing
Nanjing Ouzhuo
Ouzhuo
Ouzhuo
Ouzhuo Technology
Technology
Technology
Technology co.,
co.,
co.,
co., Ltd
Ltd
Ltd
Ltd
www.ohhall.com
www.zbling.com
Tel:86-25-52312738,86-25-83247886
FAX: 86-25-52312738
E-mail: ohhall@163.com
Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics
Vcc =3V, TA=25°C, unless otherwise specified
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Supply Voltage
VCC
2.5
3
5.5
V
Supply Current
IAW
Awake
2
4
mA
ISL
Sleep
6
10
μA
IAVG
Average
10
15
μA
Output Current
IOUT
1.0
mA
Output Leakage Current
ILEAK
B<︱BRP︱
-
<0.1
1.0
μA
Saturation Voltage
VSAT
IOUT =1.0mA
-
0.4
V
Awake Mode Time
tAW
OPERATING
150
μs
Sleep Mode Time
tSL
OPERATING
90
120
ms
Duty Cycle
D
0.15
%
Chopper Frequency
fC
15
kHz
Magnetic
Magnetic
Magnetic
Magnetic Characteristics
Characteristics
Characteristics
Characteristics
Vcc =3V, TA=25°C, (1mT = 10 Gauss)
Parameter
symbol
Conditions
Value
Unit
Min
Typ
Max
Operate Point
BOPS
South pole to branded side
B>BOPS,VOUT=low(output on)
30
55
GS
BOPN
North pole to branded side
B>BOPN,VOUT=low(output on)
-55
-30
GS
Release Point
BRPS
South pole to branded side
B<BRPS,VOUT=high(output off)
5
20
GS
BRPN
North pole to branded side
B<BRPN,VOUT=high(output off)
-20
-5
GS
Hysteresis
BH
︱BOPX - BRPX︱
-
10
-
GS
BOPX=operating point(output turns on);
BRPX=releasing point(output turns off)


Similar Part No. - OH9249

ManufacturerPart #DatasheetDescription
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
OH9248-S OHHALLSENSOR-OH9248-S Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
OH9248-T OHHALLSENSOR-OH9248-T Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results

Similar Description - OH9249

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9247 DIODES-AH9247 Datasheet
723Kb / 16P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com