Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHWG214 Datasheet(PDF) 4 Page - Nanjing Ouzhuo Technology Co., Ltd.

Part # OHWG214
Description  OHWG Series Wiegand sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHHALLSENSOR [Nanjing Ouzhuo Technology Co., Ltd.]
Direct Link  http://www.ohhallsensor.com
Logo OHHALLSENSOR - Nanjing Ouzhuo Technology Co., Ltd.

OHWG214 Datasheet(HTML) 4 Page - Nanjing Ouzhuo Technology Co., Ltd.

  OHWG214 Datasheet HTML 1Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG214 Datasheet HTML 2Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG214 Datasheet HTML 3Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG214 Datasheet HTML 4Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG214 Datasheet HTML 5Page - Nanjing Ouzhuo Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OHW
OHW
OHW
OHWG
G
G
G Series
Series
Series
Series
Wiegand
Wiegand
Wiegand
Wiegand sensor
sensor
sensor
sensor
Page 4
Nanjing
Nanjing
Nanjing
Nanjing Ouzhuo
Ouzhuo
Ouzhuo
Ouzhuo Technology
Technology
Technology
Technology co.,
co.,
co.,
co., Ltd
Ltd
Ltd
Ltd
www.ohhall.com
www.zbling.com
Tel:86-25-52312738,86-25-83247886
FAX: 86-25-52312738
E-mail: ohhall@163.com
Magnetic
Magnetic
Magnetic
Magnetic Circuit
Circuit
Circuit
Circuit Design
Design
Design
Design
The right and reasonable magnetic circuit design is very important for the operation of
wiegand sensor.
1) Dual magnetic poles ( N, S ) should trigger Alternately. The distance between poles
should be close to or larger than the length of the sensor. For example, ferrite toroidal
magnetic ring ( φ9.5 mm ) can be used in water meter, it also can apply a pair of alnico.
The distance between the two poles should be not less than 9mm.
2) When installing magnet, make sure the direction of the magnetic line parallel to the
sensor wire( refer to the triggering mode and the installlation method )
3) The triggering magnetic flux density in the position of the Sensitive wire should between
the min and max value in the characteristic list. In some application, such as calorimeter,
the magnetic intensity should be the best value. Since the magnetic intensity will reduce
with the increase of ambient temperature and the longer distance between the magnet
and sensor.
4) Magnetic shielding is necessary to prevent ambient stray magnetic field interference.
But the distance between shielding cover and magnetic ring or sensitive wire should be
not less than 10mm, and no other magnetic materials, such as iron screw.
Electric
Electric
Electric
Electric Circuit
Circuit
Circuit
Circuit Designing
Designing
Designing
Designing
In order to avoid some possible intreference and assure the accuracy of counting, some
suggestions is offered as follows:
1)The output signal of Wiegand sensor should be shaped by wave shaping circuit first,
and then input into
the two tnterfaces Io1 and Io2 of single-chip microcomputer.
After
signal haping and amplification, there is a low output voltage similar to a rectangle on the
output side Vo1 (note: it is not a negative pulse), and a high output voltage similar to a
rectangle on the output side Vo2.
Amplitude of the square wave is equal to supply
voltage, and the width is 20 to 30μS.
2 When designing the software, make sure that counter plus "1" after collecting both low
and high output voltage.
That is meaning, the signal-chip microcomputer I 01 only need
to collect the first low output voltage and ignore others. The same as the signal-chip
microcomputer I 02 which only collect high output voltage.
3)The software can be used to recognize the output signals and interference signals, The
Pulse Width of output signals are usually fixed, however the pulse width of interference
signals are no rule.


Similar Description - OHWG214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA1505 ETC2-MA1505 Datasheet
1Mb / 4P
   RS232-to-Wiegand Bidirectional Dual Wiegand Port Converter
logo
Cypress Semiconductor
CVT-2240 CYPRESS-CVT-2240 Datasheet
14Kb / 3P
   Wiegand -> ASCII Converter
logo
List of Unclassifed Man...
MA1405 ETC2-MA1405 Datasheet
213Kb / 4P
   Wiegand-to-RS232 Converter
logo
Banner Engineering Corp...
Q20 BANNER-Q20 Datasheet
476Kb / 8P
   Q20 Series Sensor
M25U BANNER-M25U Datasheet
545Kb / 4P
   M25U Series Sensor
QM42 BANNER-QM42 Datasheet
304Kb / 4P
   QM42 Series Sensor
SB12T BANNER-SB12T Datasheet
246Kb / 3P
   SB12T Series Sensor
SMI30 BANNER-SMI30 Datasheet
501Kb / 8P
   SMI30 Series Sensor
logo
Honeywell Solid State E...
HOA6480 HONEYWELL-HOA6480 Datasheet
200Kb / 4P
   HOA6480 Series Barcode Sensor
logo
Banner Engineering Corp...
SL30 BANNER-SL30 Datasheet
426Kb / 4P
   SL30 Series Slot Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com