Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDV8V0SP-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDV8V0SP-HF
Description  Low Capacitance SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDV8V0SP-HF Datasheet(HTML) 4 Page - Comchip Technology

  CPDV8V0SP-HF Datasheet HTML 1Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 2Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 3Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 4Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.059 0.004
±
0.116 0.004
±
0.043 ± 0.004
0.061 + 0.004
7.008 MAX.
1.969 MIN.
0.512 ± 0.008
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.004
±
0.016 Max.
0.315 0.012
±
0.567 MAX.
1.49 ± 0.10
2.95
0.10
±
4.00
0.10
±
1.55 + 0.10
3.50
0.05
±
1.75
0.10
±
50.0 MIN.
13.0 ± 0.20
1.1 ± 0.10
4.00
0.10
±
2.00
0.10
±
0.40 Max.
8.00
0.30
±
14.4 MAX.
178 MAX.
SOD-323
SOD-323
Index hole
d
E
F
B
W
P
P0
P1
A
Low Capacitance ESD Protection Diode
Page 4
QW-JP034
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CPDV8V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
CPDV1200R FINISAR-CPDV1200R Datasheet
667Kb / 6P
   Coherent 64 Gbaud Polarization Diversity Cartesian Phase Detector
logo
Comchip Technology
CPDV3-5V0C-HF COMCHIP-CPDV3-5V0C-HF Datasheet
96Kb / 4P
   SMD ESD Protection Diode
CPDV3-5V0U COMCHIP-CPDV3-5V0U Datasheet
167Kb / 4P
   SMD ESD Protection Diode
CPDV3-5V0U COMCHIP-CPDV3-5V0U Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDV3-5V0U-HF COMCHIP-CPDV3-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDV8V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
   Low Capacitance SMD ESD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF_15 Datasheet
294Kb / 5P
   Low Capacitance SMD ESD Protection Diode
CPDT-5V0USP-HF COMCHIP-CPDT-5V0USP-HF Datasheet
124Kb / 4P
   Low Capacitance SMD ESD Protection Diode
CPDQC5V0USP-HF COMCHIP-CPDQC5V0USP-HF Datasheet
116Kb / 4P
   SMD Low Capacitance ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF_15 Datasheet
91Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF_15 Datasheet
558Kb / 3P
   Supper Low Capacitance SMD ESD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF Datasheet
558Kb / 3P
   Supper Low Capacitance SMD ESD Protection Diode
CPDQ5V0USP-HF COMCHIP-CPDQ5V0USP-HF Datasheet
80Kb / 5P
   Ultra Low Capacitance SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com