Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDV15V0SP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDV15V0SP-HF
Description  Low Capacitance SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDV15V0SP-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDV15V0SP-HF Datasheet HTML 1Page - Comchip Technology CPDV15V0SP-HF Datasheet HTML 2Page - Comchip Technology CPDV15V0SP-HF Datasheet HTML 3Page - Comchip Technology CPDV15V0SP-HF Datasheet HTML 4Page - Comchip Technology CPDV15V0SP-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPDV3V0SP-HF Thru. CPDV24V0SP-HF
Page 1
QW-JP034
REV: A
Comchip Technology CO., LTD.
SOD-323
Dimensions in inches and (millimeter)
RoHS Device
Features
- Protects one Bi-directional I/O line
- Working Voltage: 3V,3.3V,5V,8V,12V,15V,24V
- Low clamping voltage
- IEC61000-4-2 Level 4 ESD Protection.
- IEC61000-4-4 Level 4 FET protection.
- IEC61000-4-5 (Lightning) rating. 12A( 8/20µS)
Maximum Rating (at TA=25°C unless otherwise Specifed)
0.070(1.80)
0.062(1.60)
0.055(1.40)
0.045(1.15)
0.106(2.70)
0.090(2.30)
0.016(0.40)
0.010(0.25)
Circuit Diagram
Low Capacitance
ESD Protection Diode
SMD
Company reserves the right to improve product design , functions and reliability without notice.
0.007(0.18)
0.031(0.08)
0.003(0.08)MIN.
0.040(1.00)
0.031(0.80)
0.004(0.10)
0.000(0.00)
Mechanical data
- Molding Compound Flammability Rating:
UL 94V-0.
- Case: SOD-323 small outline plastic package.
- Terminals: Matte tin plated, solderable per
MIL-STD-202, method 208.
- Mounting position: Any.
- Weight: 0.005 gram(approx.).
kV
W
350
VESD
PPP
°C
-55 to +150
-55 to +150
TJ
Junction temperature
Peak pulse current ( tp = 8/20µs waveform)
Parameter
Symbol
Value
Unit
ESD per IEC 61000-4-2(Air)
ESD per IEC 61000-4-2(Contact)
Storage temperature
TSTG
±16
±22
°C
260 (10 sec.)
TL
Lead Soldering Temperature
°C
Halogen Free
- Packing: 3,000 pieces per 7” reel


Similar Part No. - CPDV15V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
CPDV1200R FINISAR-CPDV1200R Datasheet
667Kb / 6P
   Coherent 64 Gbaud Polarization Diversity Cartesian Phase Detector
More results

Similar Description - CPDV15V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
   Low Capacitance SMD ESD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF_15 Datasheet
294Kb / 5P
   Low Capacitance SMD ESD Protection Diode
CPDT-5V0USP-HF COMCHIP-CPDT-5V0USP-HF Datasheet
124Kb / 4P
   Low Capacitance SMD ESD Protection Diode
CPDQC5V0USP-HF COMCHIP-CPDQC5V0USP-HF Datasheet
116Kb / 4P
   SMD Low Capacitance ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF_15 Datasheet
91Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF_15 Datasheet
558Kb / 3P
   Supper Low Capacitance SMD ESD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF Datasheet
558Kb / 3P
   Supper Low Capacitance SMD ESD Protection Diode
CPDQ5V0USP-HF COMCHIP-CPDQ5V0USP-HF Datasheet
80Kb / 5P
   Ultra Low Capacitance SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com