Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX774CSA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX774CSA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX774CSA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX774CSA Datasheet HTML 3Page - Maxim Integrated Products MAX774CSA Datasheet HTML 4Page - Maxim Integrated Products MAX774CSA Datasheet HTML 5Page - Maxim Integrated Products MAX774CSA Datasheet HTML 6Page - Maxim Integrated Products MAX774CSA Datasheet HTML 7Page - Maxim Integrated Products MAX774CSA Datasheet HTML 8Page - Maxim Integrated Products MAX774CSA Datasheet HTML 9Page - Maxim Integrated Products MAX774CSA Datasheet HTML 10Page - Maxim Integrated Products MAX774CSA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
_______________________________________________________________________________________
7
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
CIRCUIT OF FIGURE 2
V+ = 6.5V, ILOAD = 1A, VOUT = -5V
A: OUTPUT RIPPLE, 200mV/div
B: EXT WAVEFORM, 10V/div
C: INDUCTOR CURRENT, 2A/div
OPERATING WAVEFORMS
10
µs/div
A
B
C
CIRCUIT OF FIGURE 2
VOUT = -5V, V+ = 4.7V
ILOAD = 1.05A (1A/div)
INDUCTOR CURRENT NEAR FULL LOAD
20
µs/div
1A/div
0A
CIRCUIT OF FIGURE 2
ILOAD = 300mA, VOUT = -5V
V+ = 8V, L = 22
µH
CONTINUOUS CONDUCTION
AT ONE-HALF CURRENT LIMIT
20
µs/div
1A/div
0A
CIRCUIT OF FIGURE 2
V+ = 6V, ILOAD = 1A, VOUT = -5V
A: SHUTDOWN PULSE, 0V TO V+, 5V/div
B: VOUT, 2V/div
ENTRY/EXIT FROM SHUTDOWN
2ms/div
A
B


Similar Part No. - MAX774CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774CSA MAXIM-MAX774CSA Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
More results

Similar Description - MAX774CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com