Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX206EWG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX206EWG
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX206EWG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX206EWG Datasheet HTML 7Page - Maxim Integrated Products MAX206EWG Datasheet HTML 8Page - Maxim Integrated Products MAX206EWG Datasheet HTML 9Page - Maxim Integrated Products MAX206EWG Datasheet HTML 10Page - Maxim Integrated Products MAX206EWG Datasheet HTML 11Page - Maxim Integrated Products MAX206EWG Datasheet HTML 12Page - Maxim Integrated Products MAX206EWG Datasheet HTML 13Page - Maxim Integrated Products MAX206EWG Datasheet HTML 14Page - Maxim Integrated Products MAX206EWG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
MAX202 Pin Configuration/Typical Operating Circuit
TOP VIEW
+5V INPUT
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
GND
C1+
C1-
0.1FF
0.1FF
+6.3V
16
2
1
0.1FF
+6.3V
0.1FF
+16V
+10V
-10V
V+
V-
T1OUT
R2IN
T2OUT
3
+5V
+5V
5kI
5kI
T1IN
400kI
400kI
T2IN
R2OUT
11
10
9
R1OUT
12
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
15
8
R1IN 13
7
14
6
C2+
C2-
4
0.1FF
+16V
5
T1
T2
R1
R2
16
15
14
13
12
11
9
1
2
3
4
5
6
8
VCC
GND
T1OUT
C2+
R1IN
C1-
V+
C1+
MAX202
R1OUT
T1IN
R2OUT
R2IN
V-
10
7
T2IN
T2OUT
C2-
DIP/SO/WIDE SO
VCC
MAX202
MAX200–MAX209/MAX211/MAX213
Maxim Integrated
11


Similar Part No. - MAX206EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX206EWG MAXIM-MAX206EWG Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX206EWG MAXIM-MAX206EWG Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
More results

Similar Description - MAX206EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX200 MAXIM-MAX200_05 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
Sipex Corporation
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
logo
Exar Corporation
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com