Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX775CPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX775CPA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX775CPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX775CPA Datasheet HTML 1Page - Maxim Integrated Products MAX775CPA Datasheet HTML 2Page - Maxim Integrated Products MAX775CPA Datasheet HTML 3Page - Maxim Integrated Products MAX775CPA Datasheet HTML 4Page - Maxim Integrated Products MAX775CPA Datasheet HTML 5Page - Maxim Integrated Products MAX775CPA Datasheet HTML 6Page - Maxim Integrated Products MAX775CPA Datasheet HTML 7Page - Maxim Integrated Products MAX775CPA Datasheet HTML 8Page - Maxim Integrated Products MAX775CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, ILOAD = 0mA, CREF = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
3V
≤ V+ ≤ 16.5V
V+ = 16.5V, SHDN = 0V or V+
MAX774, V+ = 5V, ILOAD = 1A
MAX776, V+ = 5V, ILOAD = 400mA
MAX775, V+ = 5V, ILOAD = 500mA
CONDITIONS
V
1.6
VIH
SHDN Input Voltage High
µA
±1
SHDN Input Current
%
82
Efficiency
(Circuit of Figure 2—
Bootstrapped)
87
CEXT = 1nF, V+ = 12V
CEXT = 1nF, V+ = 12V
ns
50
V+ = 12V
V+ = 12V
EXT Fall Time
µs
88
ns
1.8
2.3
2.8
tOFF (max)
Switch Minimum Off-Time
µs
12
16
20
tON (max)
Switch Maximum On-Time
µA
±1
CS Input Current
50
UNITS
MIN
TYP
MAX
SYMBOL
EXT Rise Time
PARAMETER
160
210
260
3V
≤ V+ ≤ 16.5V
mV
180
210
240
VCS
Current-Limit Trip Level
(V+ – CS)
0.3
3V
≤ V+ ≤ 16.5V
V
0.4
VIL
SHDN Input Voltage Low
MAX77_M
MAX77_C/E
MAX77_M
MAX77_C/E


Similar Part No. - MAX775CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX775CPA MAXIM-MAX775CPA Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
More results

Similar Description - MAX775CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com