Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX816CSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX816CSA
Description  1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX816CSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX816CSA Datasheet HTML 1Page - Maxim Integrated Products MAX816CSA Datasheet HTML 2Page - Maxim Integrated Products MAX816CSA Datasheet HTML 3Page - Maxim Integrated Products MAX816CSA Datasheet HTML 4Page - Maxim Integrated Products MAX816CSA Datasheet HTML 5Page - Maxim Integrated Products MAX816CSA Datasheet HTML 6Page - Maxim Integrated Products MAX816CSA Datasheet HTML 7Page - Maxim Integrated Products MAX816CSA Datasheet HTML 8Page - Maxim Integrated Products MAX816CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
±1% Accuracy, Low-Power, +3V and +5V
µP Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS, +5V Parts (MAX814/MAX815K, L, N)
(VCC = 4.85V to 5.5V for MAX814K/MAX815K, VCC = 4.75V to 5.5V for MAX814L/MAX815L, VCC = 4.60V to 5.5V for MAX814N/
MAX815N, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect GND)
VCC ....................................................................-0.3V to +6.0V
All Other Pins (Note 1)........................... -0.3V to (VCC + 0.3V)
Terminal Current (PFI, RESET IN, MR)................................10mA
Terminal Current (all other pins) .........................................20mA
Continuous Power Dissipation (TA = +25°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Ranges
Commercial.........................................................0°C to +70°C
Extended ...........................................................-40°C to +85C
Storage Temperature Range .............................-65°C to +125°C
MAX814K, VCC rising
MAX814_E, VCC falling
MAX814_C, VCC falling
MAX814_C, MAX815_C
MAX815 (Note 1)
WDI = VCC or WDI = 0V
MAX814_E, MAX815_E
MAX815, VCC = 5.0V
MAX814_C, MAX815_C
MAX815
MAX815
MAX814
MAX814_E/MAX815_E, VCC = 1.2V, ISINK = 100µA
MAX814_C/MAX815_C, VCC = 1.0V, ISINK = 50µA
MAX814_E, MAX815_E
MAX814K, MAX815K
MAX814L, MAX815L
ISINK = 3.2mA
MAX814N, MAX815N
ISOURCE = 800µA
CONDITIONS
4.93
mV
48
73
∆VLL
LOW LINE to RESET Differential
Threshold
50
70
µs
1
tWDO
MR to WDO High Delay
µA
-1.0
1.0
IWDI
WDI Input Current
V
2.4
VWDI
WDI Input Threshold
0.8
ns
50
tWP
WDI Pulse Width
s
1.12
2.00
tWD
Watchdog Timeout Period
V
0.3
RESET, WDO, PFO, LOW LINE
Output Voltage
0.3
0.4
VOL
VCC -1.5
VOH
75
V
1.2
5.5
VCC
1.0
5.5
Operating Voltage Range
V
0.4
VOL
RESET Output Voltage
VCC -1.5
VOH
ms
140
200
250
tRS
Reset Pulse Width
mV
0
Reset Threshold Hysteresis
µA
85
ISUPPLY
Supply Current
4.75
4.85
4.65
4.75
V
4.50
4.60
VRT
Reset Threshold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX814L, VCC rising
4.83
VLLT
MAX814N, VCC rising
4.68
V
LOW LINE Threshold
ISOURCE = 800µA
ISINK = 3.2mA
Low
High


Similar Part No. - MAX816CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX816CSA MAXIM-MAX816CSA Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX816CSA MAXIM-MAX816CSA Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
More results

Similar Description - MAX816CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814_05 Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX705ESA-T MAXIM-MAX705ESA-T Datasheet
229Kb / 12P
   Low-Cost, muP Supervisory Circuits
Rev. 9; 1/13
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX817L MAXIM-MAX817L Datasheet
114Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 1; 3/96
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Summit Microelectronics...
SMS1242 SUMMIT-SMS1242 Datasheet
78Kb / 11P
   2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com