Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224EEPP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3224EEPP
Description  15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224EEPP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3224EEPP Datasheet HTML 1Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 2Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 3Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 4Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 5Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 6Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 7Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 8Page - Maxim Integrated Products MAX3224EEPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
__________________________________________Typical Operating Characteristics
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
MAX3224E/MAX3226E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
T1 TRANSMITTING AT 250kbps
T2 (MAX3224E) TRANSMITTING AT 15.6kbps
VOUT+
VOUT-
0
2
4
6
8
10
12
14
16
0
1000
2000
3000
4000
5000
MAX3224E/MAX3226E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-SLEW
+SLEW
FOR DATA RATES UP TO 250kbps
0
5
10
15
20
25
30
35
40
45
0
2000
1000
3000
4000
5000
MAX3224E/MAX3226E
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
120kbps
20kbps
T1 TRANSMITTING AT 250kbps
T2 (MAX3224E) TRANSMITTING AT 15.6kbps
-7.5
0
-2.5
-5.0
2.5
5.0
7.5
0
1000
500
1500
2000
2500
MAX3225E/MAX3227E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2Mbps
2Mbps
1.5Mbps
1.5Mbps
1Mbps
1Mbps
1 TRANSMITTER AT FULL DATA RATE
1 TRANSMITTER AT 1/16 DATA RATE
(MAX3225E)
LOAD = 3k
Ω + CL
0
15
10
5
20
25
30
35
40
45
50
0
1000
500
1500
2000
2500
3000
MAX3225E/MAX3227E
TRANSMITTER SKEW
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
AVERAGE: 10 PARTS
1 TRANSMITTER AT 512kbps
1 TRANSMITTER AT 30kbps
(MAX3225E)
LOAD = 3k
Ω + CL
0
80
70
60
50
40
30
20
10
0
500
1000
1500
2000
2500
MAX3225E/MAX3227E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1 TRANSMITTER AT 1Mbps
1 TRANSMITTER AT 62.5kbps (MAX3225E)
-SLEW
+SLEW
0
20
10
40
30
60
50
70
90
80
100
0
500
1000
1500
2000
2500
MAX3225E/MAX3227E
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2Mbps
1.5Mbps
1Mbps
1 TRANSMITTER AT FULL DATA RATE
1 TRANSMITTER AT 1/16 DATA RATE
(MAX3225E)
LOAD = 3k
Ω + CL
20
24
22
30
28
26
36
34
32
38
-40
0
20
-20
40
60
80
100
MAX3224E–MAX3227E
READY TURN-ON TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
0
200
180
160
140
120
100
80
60
40
20
-40
0
20
-20
40
60
80
100
MAX3224E–MAX3227E
READY TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
Maxim Integrated
5
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E


Similar Part No. - MAX3224EEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224EEPP MAXIM-MAX3224EEPP Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224EEPP MAXIM-MAX3224EEPP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3224EEPP++ MAXIM-MAX3224EEPP+ Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224EEPP++ MAXIM-MAX3224EEPP+ Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
More results

Similar Description - MAX3224EEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E_06 Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com