Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3225CAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3225CAP
Description  1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3225CAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3225CAP Datasheet HTML 2Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 3Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 4Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 5Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 6Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 7Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 8Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 9Page - Maxim Integrated Products MAX3225CAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Typical Operating Characteristics (continued)
(VCC = +3.3V, 250kbps data rate, C1–C4 = 0.1µF, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
MAX3244
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
VOUT+
VOUT-
0
4
2
8
6
12
10
14
0
1000
2000
3000
4000
5000
MAX3244
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
0
30
20
10
40
50
60
0
2000
1000
3000
4000
5000
MAX3244
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
120kbps
20kbps
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
-7.5
0
-2.5
-5.0
2.5
5.0
7.5
0
800
400
1200
1600
2000
MAX3245
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2Mbps
2Mbps
1.5Mbps
1.5Mbps
1Mbps
1Mbps
1 TRANSMITTER AT FULL DATA RATE
2 TRANSMITTERS AT 1/16 DATA RATE
0
20
10
40
30
60
50
70
90
80
100
0
400
800
1200
1600
2000
MAX3245
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2Mbps
1.5Mbps
1Mbps
1 TRANSMITTER AT FULL DATA RATE
2 TRANSMITTERS AT 1/16 DATA RATE
0
20
10
40
30
60
50
70
0
400
800
1200
1600
2000
MAX3245
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1 TRANSMITTER AT 1Mbps
2 TRANSMITTERS AT 62.5kbps
0
15
10
5
20
25
30
35
40
45
50
0
1000
2000
3000
MAX3245
TRANSMITTER SKEW vs.
LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
6
Maxim Integrated
MAX3224–MAX3227/MAX3244/MAX3245


Similar Part No. - MAX3225CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3225CAP MAXIM-MAX3225CAP Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3225CAP MAXIM-MAX3225CAP Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
More results

Similar Description - MAX3225CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com