Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG509FBRUZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG509FBRUZ-REEL7
Description  8-Channel/4-Channel Fault-Protected Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG509FBRUZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADG509FBRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG509FBRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG508F/ADG509F
Rev. F | Page 4 of 20
B Version
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
Charge Injection
15
pC typ
VS = 0 V, RS = 0 Ω, CL= 1 nF; see Figure 30
Off Isolation
93
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz; VS = 7 V rms;
see Figure 31
CS (Off )
3
pF typ
CD (Off )
ADG508F
22
pF typ
ADG509F
12
pF typ
POWER REQUIREMENTS
IDD
0.05
0.2
mA max
VIN = 0 V or 5 V
ISS
0.1
1
μA max
1 Guaranteed by design, not subject to production test.
TRUTH TABLES
Table 2. ADG508F Truth Table1
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
1 X = don’t care.
Table 3. ADG509F Truth Table1
A1
A0
EN
On Switch Pair
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
1 X = don’t care.


Similar Part No. - ADG509FBRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG509FBRN AD-ADG509FBRN Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG509FBRW AD-ADG509FBRW Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results

Similar Description - ADG509FBRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
   8-Channel Fault-Protected Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com