Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM824 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM824
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM824 Datasheet(HTML) 1 Page - Analog Devices

  ADM824 Datasheet HTML 1Page - Analog Devices ADM824 Datasheet HTML 2Page - Analog Devices ADM824 Datasheet HTML 3Page - Analog Devices ADM824 Datasheet HTML 4Page - Analog Devices ADM824 Datasheet HTML 5Page - Analog Devices ADM824 Datasheet HTML 6Page - Analog Devices ADM824 Datasheet HTML 7Page - Analog Devices ADM824 Datasheet HTML 8Page - Analog Devices ADM824 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Supervisory Circuits with Watchdog and
Manual Reset in 5-Lead SC70 and SOT-23
Data Sheet
ADM823/ADM824/ADM825
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Precision 2.5 V to 5 V power supply monitor
7 reset threshold options: 2.19 V to 4.63 V
140 ms (minimum) reset timeout
Watchdog timer with 1.6 sec timeout (ADM823, ADM824)
Manual reset input (ADM823, ADM825)
Push-pull output stages
RESET (ADM823)
RESET, RESET (ADM824/ADM825)
Low power consumption: 5 µA
Guaranteed reset output valid to VCC = 1 V
Power supply glitch immunity
Specified over automotive temperature range
5-lead SC70 and SOT-23 packages
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Portable equipment
FUNCTIONAL BLOCK DIAGRAM
ADM823
VCC
VCC
MR
GND
WDI
RESET
RESET
GENERATOR
WATCHDOG
DETECTOR
DEBOUNCE
VREF
Figure 1.
GENERAL DESCRIPTION
The ADM823/ADM824/ADM825 are supervisory circuits that
monitor power supply voltage levels and code execution integrity
in microprocessor-based systems. In addition to providing
power-on reset signals, an on-chip watchdog timer can reset the
microprocessor if it fails to strobe within a preset timeout
period. A reset signal can also be asserted by an external push-
button, through a manual reset input. The three parts feature
different combinations of watchdog input, manual reset input,
and output stage configuration, as shown in Table 1.
These parts are available in a choice of seven reset threshold
options ranging from 2.19 V to 4.63 V. The reset and watchdog
timeout periods are fixed at 140 ms (minimum) and 1.6 sec
(typical), respectively.
The ADM823/ADM824/ADM825 are available in 5-lead SC70
and SOT-23 packages and typically consume only 5 µA, making
them suitable for use in low power, portable applications.
Table 1. Selection Table
Part No.
Watchdog Timer
Manual Reset
Output Stage
RESET
RESET
ADM823
Yes
Yes
Push-Pull
ADM824
Yes
Push-Pull
Push-Pull
ADM825
Yes
Push-Pull
Push-Pull


Similar Part No. - ADM824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM824 AD-ADM824 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM824 AD-ADM824 Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM824 AD-ADM824 Datasheet
206Kb / 12P
   aSupervisory Circuits with Watchdog and
REV. D
ADM824 AD-ADM824 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824LYKS-R7 AD-ADM824LYKS-R7 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
More results

Similar Description - ADM824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com