Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4582LEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4582LEEE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4582LEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4582LEEE Datasheet HTML 2Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 3Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 4Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 5Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 6Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 7Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 8Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 9Page - Maxim Integrated Products MAX4582LEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
6
_______________________________________________________________________________________
Pin Description
PIN
MAX4581L
MAX4582L
MAX4583L
NAME
FUNCTION
SO/QSOP
QFN
SO/QSOP
QFN
SO/QSOP
QFN
1, 2, 4, 5,
12–15
2, 3,
10–13,
15, 16
X0–X7
Analog Switch Inputs 0–7
3
1
13
11
14
12
X
Analog Switch X Output
6
4
6
4
6
4
Enable
Digital Enable Input. Drive enable low or
connect to GND for normal operation.
7, 8
5, 6
7, 8
5, 6
7, 8
5, 6
GND
Ground. Connect to digital ground. (Analog
signals have no ground reference; they are
limited to VCC.)
9
7
9
7
C
Digital Address C Input
10
8
9
7
10
8
B
Digital Address B Input
11
9
10
8
11
9
A
Digital Address A Input
16
14
16
14
16
14
VCC
Positive Analog and Digital Supply Voltage
Input. Bypass with a 0.1µF capacitor to GND.
——
11, 12,
14, 15,
9, 10,
12, 13
X0–X3
Analog Switch X Inputs 0–3
1, 2, 4, 5
2, 3,
15, 16
Y0–Y3
Analog Switch Y Inputs 0–3
3
1
15
13
Y
Analog Switch Y Output
13
11
X1
Analog Switch X Normally Open Input
12
10
X0
Analog Switch X Normally Closed Input
1
15
Y1
Analog Switch Y Normally Open Input
2
16
Y0
Analog Switch Y Normally Closed Input
3
1
Z1
Analog Switch Z Normally Open Input
5
3
Z0
Analog Switch Z Normally Closed Input
4
2
Z
Analog Switch Z Output
EP
EP
EP
Exposed
Pad
Bottom of QFN package only. Contains an
exposed pad that must be connected
externally to VCC.
Note: Input and output pins are identical and interchangeable. Any may be considered an input or output; signals pass equally well
in both directions.


Similar Part No. - MAX4582LEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4582L MAXIM-MAX4582L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results

Similar Description - MAX4582LEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com