Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4582LETE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4582LETE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4582LETE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4582LETE Datasheet HTML 1Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 2Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 3Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 4Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 5Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 6Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 7Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 8Page - Maxim Integrated Products MAX4582LETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V
±5%, V_H = 2.0V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
(NOTE 3)
MAX
UNITS
DIGITAL I/O (INH, ADD_)
Logic Input High
Threshold
VAH, VBH,
VCH,
VENABLE_H
-40°C to +85°C
1.5
2.0
V
Logic Input Low
Threshold
VAL, VBL,
VCL,
VENABLE_L
-40°C to +85°C
0.8
1.5
V
Input Current High
IAH, IBH,
ICH,
IENABLE_H
VA, VB, VC, VENABLE = 2.0V
+25°C
-1
+1
µA
Input Current Low
IAL, IBL,
ICL,
IENABLE_L
VA, VB, VC, VENABLE = 0.8V
+25°C
-1
+1
µA
SWITCH DYNAMIC CHARACTERISTICS
+25°C
100
200
Enable Turn-On Time
tON
VX_, VY_, VZ_ = 10V,
RL = 300
Ω,
CL = 35pF, Figure 1
-40°C to +85°C
200
ns
+25°C
40
100
Enable Turn-Off Time
tOFF
VX_, VY_, VZ_ = 10V,
RL = 300
Ω,
CL = 35pF, Figure 1
-40°C to +85°C
150
ns
+25°C
90
200
Address Transition Time
tTRANS
VX_, VY_, VZ_ = 10V,
RL = 300
Ω,
CL = 35pF, Figure 2
-40°C to +85°C
200
ns
Break-Before-Make Time
tBBM
VX_, VY_, VZ_ = 10V,
RL = 300
Ω,
CL = 35pF, Figure 3
-40°C to +85°C
20
ns
Charge Injection (Note 7)
Q
CL = 1nF, RS = 0
Ω, VS = 0V,
Figure 4
+25°C
0.5
pC
Input Off-Capacitance
CX_(OFF),
CY_(OFF),
CZ_(OFF)
VX_, VY_, VZ_ = 0V,
ƒ = 1MHz, Figure 5
+25°C
4
pF
MAX4581L
18
MAX4582L
10
Output Off-Capacitance
CX(OFF),
CY(OFF),
CZ(OFF)
VX_, VY_,
VZ_ = 0V,
ƒ = 1MHz,
Figure 5
MAX4583L
+25°C
6
pF
MAX4581L
25
MAX4582L
17
Output On-Capacitance
CX(OFF),
CY(OFF),
CZ(OFF)
VX_, VY_,
VZ_ = 0V,
ƒ = 1MHz,
Figure 5
MAX4583L
+25°C
12.5
pF


Similar Part No. - MAX4582LETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4582L MAXIM-MAX4582L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results

Similar Description - MAX4582LETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com