Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5090CATE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5090CATE
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090CATE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5090CATE Datasheet HTML 2Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 3Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 4Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 5Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 6Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 7Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 8Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 9Page - Maxim Integrated Products MAX5090CATE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2A, 76V, High-Efficiency MAXPower Step-Down
DC-DC Converters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 12V, VON/OFF =12V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Operating Circuit, if applicable.)
MAX5090 toc19
LOAD-TRANSIENT RESPONSE
(MAX5090AATE)
VOUT = 3.3V
A: VOUT, 200mV/div, AC-COUPLED
B: IOUT, 500mA/div, 0.1A TO 1A
400
µs/div
A
B
LX WAVEFORMS
(MAX5090AATE)
MAX5090 toc20
VOUT = 3.3V
A
B
A: SWITCH VOLTAGE (LX PIN), 20mV/div (VIN = 48V)
B: INDUCTOR CURRENT, 2A/div (I0 = 2A)
4
µs/div
0
MAX5090 toc21
LX WAVEFORMS
(MAX5090AATE)
VOUT = 3.3V
A: SWITCH VOLTAGE, 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 200mA/div (I0 = 75mA)
4
µs/div
A
B
MAX5090 toc22
LX WAVEFORM
(MAX5090AATE)
VOUT = 3.3V
A: SWITCH VOLTAGE, 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 200mA/div (IOUT = 0)
4
µs/div
A
B
MAX5090 toc23
STARTUP WAVEFORM
(IOUT = 0)
A: VON/OFF, 2V/div
B: VOUT, 1V/div
4ms/div
A
B
CSS = 0.047
µF
MAX5090 toc24
STARTUP WAVEFORM
(IOUT = 2A)
A: VON/OFF, 2V/div
B: VOUT, 1V/div
4ms/div
A
B
CSS = 0.047
µF
1.0
3.0
2.0
5.0
4.0
6.0
7.0
6.5
36
46
16
26
56
66
76
PEAK SWITCH CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX5090AATE
VOUT = 3.3V
5% DROP IN VOUT
PULSED OUTPUT LOAD
MAX5090 toc26
SYNCHRONIZATION
fSYNC = 119kHz
SYNC
2V/div
LX
10V/div
2
µs/div
MAX5090 toc27
fSYNC = 200kHz
SYNCHRONIZATION
1
µs/div
SYNC
2V/div
LX
10V/div


Similar Part No. - MAX5090CATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090CATE MAXIM-MAX5090CATE Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090CATE++ MAXIM-MAX5090CATE+ Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results

Similar Description - MAX5090CATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5082 MAXIM-MAX5082 Datasheet
404Kb / 18P
   1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com