Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4488ATT-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4488ATT-T
Description  SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4488ATT-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4488ATT-T Datasheet HTML 1Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4488ATT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
2
10
8
6
12
14
16
18
-50
-30 -20
-40
-10 0 1020304050
INPUT OFFSET VOLTAGE DISTRIBUTION
VOS (
µV)
0
-250
-100
-150
-200
0
-50
200
150
100
50
250
-50
-25
0
25
50
75
100
125
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
VCOM = 0V
0
10
30
20
40
50
-0.5
1.5
0.5
2.5
3.5
4.5
INPUT OFFSET VOLTAGE
vs. INPUT COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE (V)
VDD = 3V
VDD = 5V
Typical Operating Characteristics
(VDD = +5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL tied to VDD/2, input noise floor of test equipment =10nV/√Hz for all distortion
measurements, TA = +25°C, unless otherwise noted.)
MAX4475–MAX4478/MAX4488/MAX4489
SOT23, Low-Noise, Low-Distortion,
Wide-Band, Rail-to-Rail Op Amps
4
Maxim Integrated
Note 1: All devices are 100% tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 2: SHDN is available on the MAX4475/MAX4488 only.
Note 3: Guaranteed by the PSRR test.
Note 4: Guaranteed by design.
Note 5: Full-power bandwidth for unity-gain stable devices (MAX4475–MAX4478) is measured in a closed-loop gain of +2V/V to
accommodate the input voltage range, VOUT = 4VP-P.
Note 6: Lowpass-filter bandwidth is 22kHz for f = 1kHz and 80kHz for f = 20kHz. Noise floor of test equipment = 10nV/
√Hz.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
f = 1kHz
0.0005
Total Harmonic Distortion Plus
Noise (Note 6)
THD + N
VOUT = 2VP-P,
AV = +5V/V
(MAX4488/MAX4489),
RL = 1k
Ω to GND
f = 20kHz
0.008
%
Capacitive-Load Stability
No sustained oscillations
200
pF
Gain Margin
GM
12
dB
MAX4475–MAX4478, AV = +1V/V
70
Phase Margin
ΦM
MAX4488/MAX4489, AV = +5V/V
80
degrees
Settling Time
To 0.01%, VOUT = 2V step
2
µs
Delay Time to Shutdown
tSH
1.5
µs
Enable Delay Time from Shutdown
tEN
VOUT = 2.5V, VOUT settles to 0.1%
10
µs
Power-Up Delay Time
VDD = 0 to 5V step, VOUT stable to 0.1%
13
µs
AC ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL tied to VDD/2, SHDN = VDD, TA = +25°C.)


Similar Part No. - MAX4488ATT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4488ATT+T MAXIM-MAX4488ATT+T Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
More results

Similar Description - MAX4488ATT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com