Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4489AUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4489AUA
Description  SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4489AUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4489AUA Datasheet HTML 1Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 2Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 3Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 4Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 5Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 6Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 7Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 8Page - Maxim Integrated Products MAX4489AUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL tied to VDD/2, input noise floor of test equipment =10nV/√Hz for all distortion
measurements, TA = +25°C, unless otherwise noted.)
0
0.05
0.10
0.15
0.20
0.25
04
5
23
16
7
8
9
10
OUTPUT VOLTAGE
vs. OUTPUT LOAD CURRENT
OUTPUT LOAD CURRENT (mA)
VDD - VOH
VOL
VDD = 3V OR 5V
VDIFF =
±10mV
0
20
10
40
30
60
50
70
-50
0
25
-25
50
75
100
125
OUTPUT VOLTAGE SWING (VOH)
vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 1k
RL = 10k
0
20
10
40
30
60
50
70
-50
0
25
-25
50
75
100
125
OUTPUT VOLTAGE SWING (VOL)
vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 1k
RL = 10k
50
60
70
80
90
100
110
120
130
0
50
100
150
200
250
LARGE-SIGNAL VOLTAGE GAIN
vs. OUTPUT VOLTAGE SWING
VOUT SWING FROM EITHER SUPPLY (mV)
RL = 200k
RL = 20k
RL = 2k
VDD = 3V
RL REFERENCED TO GND
50
60
70
80
90
100
110
120
130
0
50
100
150
200
250
LARGE-SIGNAL VOLTAGE GAIN
vs. OUTPUT VOLTAGE SWING
VOUT SWING FROM EITHER SUPPLY (mV)
RL = 200k
RL = 20k
RL = 2k
VDD = 3V
RL REFERENCED TO VDD
50
60
70
80
90
100
110
120
130
0
50
100
150
200
250
LARGE-SIGNAL VOLTAGE GAIN
vs. OUTPUT VOLTAGE SWING
VOUT SWING FROM EITHER SUPPLY (mV)
RL = 200k
RL = 20k
RL = 2k
VDD = 5V
RL REFERENCED TO GND
50
60
70
80
90
100
110
120
130
0
50
100
150
200
250
LARGE-SIGNAL VOLTAGE GAIN
vs. OUTPUT VOLTAGE SWING
VOUT SWING FROM EITHER SUPPLY (mV)
RL = 200k
RL = 2k
RL = 20k
VDD = 5V
RL REFERENCED TO VDD
50
70
60
100
90
80
130
120
110
140
-50
0
25
-25
50
75
100
125
LARGE-SIGNAL VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 100k
RL = 10k
VOUT = 150mV TO 4.75V
0
1.0
0.5
2.0
1.5
2.5
3.0
-50
25
50
-25
0
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
PER AMPLIFIER
MAX4475–MAX4478/MAX4488/MAX4489
SOT23, Low-Noise, Low-Distortion,
Wide-Band, Rail-to-Rail Op Amps
5
Maxim Integrated


Similar Part No. - MAX4489AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4489AUA++ MAXIM-MAX4489AUA+ Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4489AUA/V+T MAXIM-MAX4489AUA/V+T Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
More results

Similar Description - MAX4489AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com