Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6314US39D1-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6314US39D1-T
Description  68HC11/Bidirectional-Compatible muP Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6314US39D1-T Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6314US39D1-T Datasheet HTML 1Page - Maxim Integrated Products MAX6314US39D1-T Datasheet HTML 2Page - Maxim Integrated Products MAX6314US39D1-T Datasheet HTML 3Page - Maxim Integrated Products MAX6314US39D1-T Datasheet HTML 4Page - Maxim Integrated Products MAX6314US39D1-T Datasheet HTML 5Page - Maxim Integrated Products MAX6314US39D1-T Datasheet HTML 6Page - Maxim Integrated Products MAX6314US39D1-T Datasheet HTML 7Page - Maxim Integrated Products MAX6314US39D1-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
68HC11/Bidirectional-Compatible
µP Reset Circuit
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
_____________________________Ordering and Marking Information (continued)
The MAX6314 is available in a SOT143 package, -40°C to +85°C temperature range.
††The first two letters in the package top mark identify the part, while the remaining two letters are the lot tracking code.
†††Sample stocks generally held on the bolded products; also, the bolded products have 2,500 piece minimum-order quantities.
Non-bolded products have 10,000 piece minimum-order quantities. Contact factory for details.
Devices are available in both leaded and lead-free packaging. Specify lead-free by replacing “-T” with “+T” when ordering.
Note: All devices available in tape-and-reel only. Contact factory for availability.
Chip Information
TRANSISTOR COUNT: 519
PART
NOMINAL
VTH (V)
MIN tRP
(ms)
TOP
MARK††
MAX6314US32D2-T
3.20
20
DK_ _
MAX6314US31D2-T
3.08
20
DL_ _
MAX6314US30D2-T
3.00
20
DM_ _
MAX6314US29D2-T
2.93
20
DN_ _
MAX6314US28D2-T
2.80
20
DO_ _
MAX6314US27D2-T
2.70
20
DP_ _
MAX6314US26D2-T†††
2.63
20
DQ_ _
MAX6314US25D2-T
2.50
20
DR_ _
MAX6314US50D3-T
5.00
140
DS_ _
MAX6314US49D3-T
4.90
140
DT_ _
MAX6314US48D3-T
4.80
140
DU_ _
MAX6314US47D3-T
4.70
140
DV_ _
MAX6314US46D3-T†††
4.63
140
DW_ _
MAX6314US45D3-T
4.50
140
DX_ _
MAX6314US44D3-T†††
4.39
140
DY_ _
MAX6314US43D3-T
4.30
140
DZ_ _
MAX6314US42D3-T
4.20
140
EA_ _
MAX6314US41D3-T
4.10
140
EB_ _
MAX6314US40D3-T
4.00
140
EC_ _
MAX6314US39D3-T
3.90
140
EG_ _
MAX6314US38D3-T
3.80
140
EH_ _
MAX6314US37D3-T
3.70
140
EI_ _
MAX6314US36D3-T
3.60
140
EJ_ _
MAX6314US35D3-T
3.50
140
EK_ _
MAX6314US34D3-T
3.40
140
EL_ _
MAX6314US33D3-T
3.30
140
EM_ _
MAX6314US32D3-T
3.20
140
EN_ _
MAX6314US31D3-T†††
3.08
140
EO_ _
MAX6314US30D3-T
3.00
140
EP_ _
MAX6314US29D3-T†††
2.93
140
ES_ _
PART
NOMINAL
VTH (V)
MIN tRP
(ms)
TOP
MARK††
MAX6314US28D3-T
2.80
140
ET_ _
MAX6314US27D3-T
2.70
140
EU_ _
MAX6314US26D3-T†††
2.63
140
EV_ _
MAX6314US25D3-T
2.50
140
EW_ _
MAX6314US50D4-T
5.00
1120
EX_ _
MAX6314US49D4-T
4.90
1120
EY_ _
MAX6314US48D4-T
4.80
1120
EZ_ _
MAX6314US47D4-T
4.70
1120
FA_ _
MAX6314US46D4-T
4.63
1120
FB_ _
MAX6314US45D4-T
4.50
1120
FC_ _
MAX6314US44D4-T†††
4.39
1120
FD_ _
MAX6314US43D4-T
4.30
1120
FE_ _
MAX6314US42D4-T
4.20
1120
FF_ _
MAX6314US41D4-T
4.10
1120
FG_ _
MAX6314US40D4-T
4.00
1120
FH_ _
MAX6314US39D4-T
3.90
1120
FI_ _
MAX6314US38D4-T
3.80
1120
FJ_ _
MAX6314US37D4-T
3.70
1120
FK_ _
MAX6314US36D4-T
3.60
1120
FL_ _
MAX6314US35D4-T
3.50
1120
FM_ _
MAX6314US34D4-T
3.40
1120
FN_ _
MAX6314US33D4-T
3.30
1120
FO_ _
MAX6314US32D4-T
3.20
1120
FP_ _
MAX6314US31D4-T
3.08
1120
FQ_ _
MAX6314US30D4-T
3.00
1120
FR_ _
MAX6314US29D4-T
2.93
1120
FS_ _
MAX6314US28D4-T
2.80
1120
FT_ _
MAX6314US27D4-T
2.70
1120
FU_ _
MAX6314US26D4-T†††
2.63
1120
FV_ _
MAX6314US25D4-T
2.50
1120
FW_ _
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.


Similar Part No. - MAX6314US39D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US39D1-T MAXIM-MAX6314US39D1-T Datasheet
114Kb / 8P
   68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
More results

Similar Description - MAX6314US39D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314 MAXIM-MAX6314 Datasheet
114Kb / 8P
   68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6414UK31 MAXIM-MAX6414UK31 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage muP Reset Circuits
Rev 5; 8/12
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
logo
Maxim Integrated Produc...
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
Analog Devices
AD7548JNZ AD-AD7548JNZ Datasheet
627Kb / 12P
   LC2 MOS 8-Bit muP-Compatible 12-bit DAC
REV. A
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
   Reset Circuit
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
   Reset circuit
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
   Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com