Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3000AR-5 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3000AR-5
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000AR-5 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3000AR-5 Datasheet HTML 6Page - Analog Devices ADP3000AR-5 Datasheet HTML 7Page - Analog Devices ADP3000AR-5 Datasheet HTML 8Page - Analog Devices ADP3000AR-5 Datasheet HTML 9Page - Analog Devices ADP3000AR-5 Datasheet HTML 10Page - Analog Devices ADP3000AR-5 Datasheet HTML 11Page - Analog Devices ADP3000AR-5 Datasheet HTML 12Page - Analog Devices ADP3000AR-5 Datasheet HTML 13Page - Analog Devices ADP3000AR-5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP3000
Rev. A | Page 10 of 16
APPLICATIONS INFORMATION
COMPONENT SELECTION
Inductor Selection
For most applications, the inductor used with the ADP3000
falls in the range of 4.7 µH to 33 µH. Table 4 shows
recommended inductors and their vendors.
When selecting an inductor for the ADP3000, it is very important
to make sure the inductor is able to handle a current higher than
the ADP3000’s current limit, without becoming saturated.
As a general rule, powdered iron cores saturate softly, whereas
Ferrite cores saturate abruptly. Rod and open drum core
geometry inductors saturate gradually. Inductors that saturate
gradually are easier to use. Even though rod and drum core
inductors are attractive in both price and physical size, they
must be used with care because they have high magnetic
radiation. When minimizing EMI is critical, toroid and closed
drum core geometry inductors should be used.
In addition, inductor dc resistance causes power loss. To
minimize power loss, it is best to use an inductor with a dc
resistance lower than 0.2 Ω.
Table 4. Recommended Inductors
Vendor
Series
Core Type
Phone Number
Coiltronics
OCTAPAC
Toroid
(561) 752-5000
Coiltronics
UNIPAC
Open
(561) 752-5000
Sumida
CR43, CR54
Open
(847) 545-6700
Sumida
CDRH6D28,
CDRH73,
CDRH64
Semi-Closed
Geometry
(847) 545-6700
Capacitor Selection
For most applications, the capacitor used with the ADP3000
falls in the range of 33 µF to 220 µF. Table 5 shows
recommended capacitors and their vendors.
For input and output capacitors, use low ESR type capacitors for
best efficiency and lowest ripple. Recommended capacitors
include the AVX TPS series, the Sprague 595D series, the
Panasonic HFQ series, and the Sanyo OS-CON series.
When selecting a capacitor, it is important to make sure the
maximum capacitor ripple current rms rating is higher than the
ADP3000’s rms switching current.
It is best to protect the input capacitor from high turn-on
current charging surges by derating the capacitor voltage by 2:1.
For very low input or output voltage ripple requirements, use
capacitors with very low ESR, such as the Sanyo OS-CON
series. Alternatively, two or more tantalum capacitors can be
used in parallel.
Table 5. Recommended Capacitors
Vendor
Series
Type
Phone Number
AVX
TPS
Surface Mount
(843) 448-9411
Sanyo
OS-CON
Through Hole
(619) 661-6835
Sprague
595D
Surface Mount
(603) 224-1961
Panasonic
HFQ
Through Hole
(800) 344-2112
Diode Selection
The ADP3000’s high switching speed demands the use of
Schottky diodes. Suitable choices include the 1N5817, the
1N5818, the 1N5819, the MBRS120LT3, and the MBR0520LT1.
Fast recovery diodes are not recommended because their high
forward drop lowers efficiency. General-purpose and small-
signal diodes should be avoided as well.
PROGRAMMING THE SWITCHING CURRENT LIMIT
The ADP3000’s RLIM pin permits the cycle-by-cycle switch
current limit to be programmed with a single external resistor.
This feature offers major advantages that ultimately decrease
the component’s cost and the PCB’s real estate. First, the RLIM
pin allows the ADP3000 to use low value, low saturation current
and physically small inductors. Additionally, it allows for a
physically small surface-mount tantalum capacitor with a
typical ESR of 0.1 Ω. With this capacitor, it achieves an output
ripple as low as 40 mV to 80 mV, as well as a low input ripple.
The current limit is usually set to approximately 3 to 5 times the
full load current for boost applications, and about 1.5 to 3 times
the full load current in buck applications.
The internal structure of the ILIM circuit is shown in Figure 24.
Q1, the ADP3000’s internal power switch, is paralleled by sense
transistor Q2. The relative sizes of Q1 and Q2 are scaled so that
IQ2 is 0.5% of IQ1. Current flows to Q2 through both the RLIM
resistor and an internal 80 Ω resistor. The voltage on these two
resistors biases the base-emitter junction of the oscillator-disable
transistor, Q3. When the voltage across R1 and RLIM exceeds 0.6 V,
Q3 turns on and terminates the output pulse. If only the 80 Ω
internal resistor is used (when the ILIM pin is connected directly to
VIN), the maximum switch current is 1.5 A. Figure 13, Figure 14,
and Figure 15 give values for lower current limit levels.
VIN
SW2
SW1
RLIM
(EXTERNAL)
DRIVER
80
(INTERNAL)
ILIM
IQ1
200
VIN
Q2
ADP3000
Q1
400kHz
OSCILLATOR
Q3
R1
POWER
SWITCH
Figure 24. ADP3000 Current Limit Operation


Similar Part No. - ADP3000AR-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3000AR-5 AD-ADP3000AR-5 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
More results

Similar Description - ADP3000AR-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com