Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6503 Datasheet(PDF) 2 Page - Analog Devices

Part # ADT6503
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6503 Datasheet(HTML) 2 Page - Analog Devices

  ADT6503 Datasheet HTML 1Page - Analog Devices ADT6503 Datasheet HTML 2Page - Analog Devices ADT6503 Datasheet HTML 3Page - Analog Devices ADT6503 Datasheet HTML 4Page - Analog Devices ADT6503 Datasheet HTML 5Page - Analog Devices ADT6503 Datasheet HTML 6Page - Analog Devices ADT6503 Datasheet HTML 7Page - Analog Devices ADT6503 Datasheet HTML 8Page - Analog Devices ADT6503 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Data Sheet
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 8
Circuit Information...................................................................... 8
Converter Details ..........................................................................8
Factory-Programmed Threshold Range ....................................8
Hysteresis Input.............................................................................8
Temperature Conversion..............................................................8
Application Information................................................................ 10
Thermal Response Time ........................................................... 10
Self-Heating Effects.................................................................... 10
Supply Decoupling ..................................................................... 10
Temperature Monitoring........................................................... 10
Typical Application Circuits ......................................................... 11
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
9/12—Rev. A to Rev. B
Change to Supply Current Parameter, Table 1.............................. 3
Updated Outline Dimensions....................................................... 13
1/08—Rev. 0 to Rev. A
Added ADT6503 and ADT6504.......................................Universal
Changes to Features.......................................................................... 1
Changes to Product Highlights .......................................................1
Changes to Table 1.............................................................................3
Changes to Typical Performance Characteristics .........................6
Changes to Ordering Guide.......................................................... 13
9/07—Revision 0: Initial Version


Similar Part No. - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6503 AD-ADT6503 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6503 AD-ADT6503 Datasheet
295Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503ARJN005 AD-ADT6503ARJN005 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6503ARJN015 AD-ADT6503ARJN015 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6503ARJN025 AD-ADT6503ARJN025 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
More results

Similar Description - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6502SRJZP085RL7 AD-ADT6502SRJZP085RL7 Datasheet
295Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com