Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1206BKB0710RL Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RT1206BKB0710RL
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT1206BKB0710RL Datasheet(HTML) 5 Page - YAGEO Corporation

  RT1206BKB0710RL Datasheet HTML 1Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 2Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 3Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 4Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 5Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 6Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 7Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 8Page - YAGEO Corporation RT1206BKB0710RL Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
5
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
ELECTRICAL CHARACTERISTICS
Resistance Range (E-24/E-96 series)(2) & Tolerance
TYPE
Operating
Temperature
Range
Power
Rating
Max.
Work
Vol. (1)
Max.
Overload
Vol.
Dielectric
Withstand
Vol.
T.C.R.
(ppm/°C)
±0.05%
±0.1%
±0.25%
±0.5%
±1.0%
±50
--- 10~121k 10~121k 10~121k 10~121k
±25
--- 10~121k 10~121k 10~121k
---
±15
--- 10~100k 10~100k
---
---
RT0402 –55 °C to +125 °C 1/16W 50V
100V
75V
±10
--- 10~100k 10~100k
---
---
±50
--- 10~681k 5.1~681k 5.1~681k 5.1~681k
±25
1k~47k 10~681k 10~681k 10~681k
---
±15
1k~47k 10~100k 10~100k
---
---
RT0603 –55 °C to +125 °C 1/10W 75V
150V
100V
±10
1k~47k 10~100k 10~100k
---
---
±50
--- 10~1.5M 5.1~1.5M 5.1~1.5M 5.1~1.5M
±25
100~100k 10~1.5M 10~1.5M 10~1.5M
---
±15
100~100k 10~100k 10~100k
---
---
RT0805 –55 °C to +125 °C 1/8W
150V 300V
200V
±10
100~100k 10~100k 10~100k
---
---
±50
--- 10~1.5M 5.1~1.5M 5.1~1.5M 5.1~1.5M
±25
100~100k 10~1.5M 10~1.5M 10~1.5M
---
±15
100~100k 10~100k 10~100k
---
---
RT1206 –55 °C to +125 °C 1/4W
200V 400V
300V
±10
100~100k 10~100k 10~100k
---
---
±50
---
10~1M
5.1~1M
5.1~1M
5.1~1M
±25
100~100k
10~1M
10~1M
10~1M
---
±15
100~100k 10~100k 10~100k
---
---
RT1210 –55 °C to +125 °C 1/4W
200V 400V
400V
±10
100~100k 10~100k 10~100k
---
---
±50
---
10~1M
10~1M
10~1M
10~1M
±25
100~100k
10~1M
10~1M
10~1M
---
±15
100~100k 10~100k 10~100k
---
---
RT2010 –55 °C to +125 °C 1/2W
200V 400V
400V
±10
100~100k 10~100k 10~100k
---
---
±50
---
10~1M
10~1M
10~1M
10~1M
±25
100~100k
10~1M
10~1M
10~1M
---
±15
100~100k 10~100k 10~100k
---
---
RT2512 –55 °C to +125 °C 3/4W
200V 400V
400V
±10
100~100k 10~100k 10~100k
---
---
NOTE
1. The maximum working voltage that may be continuously applied to the resistor element, see “IEC publication 60115-8”
2. Value of E-192 series is on request
Table 2


Similar Part No. - RT1206BKB0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT1206BKB0710KL YAGEO-RT1206BKB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results

Similar Description - RT1206BKB0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0603FRE0710KL YAGEO-RT0603FRE0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805FRE076K8L YAGEO-RT0805FRE076K8L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0603FRE07470RL YAGEO-RT0603FRE07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com