Electronic Components Datasheet Search |
|
TCSCS0G157CAR Datasheet(PDF) 3 Page - Samsung semiconductor |
|
TCSCS0G157CAR Datasheet(HTML) 3 Page - Samsung semiconductor |
3 / 8 page 16 17 Capacitance Dissipation Factor (Tan δ) Rated Voltage(VR) Category Voltage(V) Range Tolerance T ≤85℃ 85 ℃〈 T≤125℃ Surge Voltage(V) Operating Temperature T ≤85℃ 85 ℃〈 T≤125℃ Leakage Current Refer to Specification -55 ℃ to 125℃ 6.3 4.0 8.0 5.0 2.5 1.6 3.1 2 Refer to Specification 0.47 ㎌ to 680㎌ ±20%(M), ±10%(K) 10.0 6.3 13.0 8.0 16.0 10.0 20.0 13.0 20.0 13.0 25.0 16.0 25.0 16.0 32.0 20.0 35.0 22.0 44.0 28.0 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 4V(0G) A A A A, B A, B A, B A, B, C B, C A, B,C, D C, D B, C, D D D 2.5V(0E) B 6.3V(0J) A A A A, B A, B A, B A, B, C A, B, C B, C, D B, C, D C, D C, D D D Cap.( ㎌) R. V 10V(1A) A A A A, B A, B A, B A, B, C A, B, C A, B, C, D C, D C, D D D 16V(1C) A A A A, B A, B A, B B, C B, C B, C, D C, D C, D D 20V(1D) A A A A, B A, B B B, C C B, C, D C, D D D D 25V(1E) A A A A, B A, B B B, C B, C C, D C, D D 35V(1V) A A A A, B B B C C C, D C, D D D Miniaturized tantalum chip capacitors with extened capacitance. (Reduced size 1/2 to 1/3 in comparison with SCN.) ·Molded case available in four case codes. ·New low profile size. ·Compatible with automatic pick and place equipment. ·Meets or exceeds EIA standard 535BAAC. ·Environment-Friendly(Pb-free) tantalum capacitor. Feature Specifications Standard Value and Case Size SCS (Miniaturized Tantalum Chip Capacitors) Precautions in using Tantalum Capacitors 4 Characteristics Explanation SCN Series SCS Series SCS-P Series SCM Series SCF Series SCE Series Taping Specification Marking Specification SCL Series PCS Series PCL Series |
Similar Part No. - TCSCS0G157CAR |
|
Similar Description - TCSCS0G157CAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |