Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491W227006AT Datasheet(PDF) 8 Page - Kemet Corporation

Part # T491W227006AT
Description  T491 Industrial Grade MnO2 Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491W227006AT Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T491W227006AT Datasheet HTML 4Page - Kemet Corporation T491W227006AT Datasheet HTML 5Page - Kemet Corporation T491W227006AT Datasheet HTML 6Page - Kemet Corporation T491W227006AT Datasheet HTML 7Page - Kemet Corporation T491W227006AT Datasheet HTML 8Page - Kemet Corporation T491W227006AT Datasheet HTML 9Page - Kemet Corporation T491W227006AT Datasheet HTML 10Page - Kemet Corporation T491W227006AT Datasheet HTML 11Page - Kemet Corporation T491W227006AT Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 10/8/2013
88
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Industrial Grade MnO2 Series
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
10
22
A/3216-18
T491A226(1)010A(2)
2.2
10.0
6.0
112
101
45
1
10
22
T/3528-12
T491T226(1)010A(2)
2.2
12.0
8.0
94
85
38
1
10
33
D/7343-31
T491D336(1)010A(2)
3.3
6.0
0.8
433
390
173
1
10
33
V/7343-20
T491V336(1)010A(2)
3.3
6.0
0.7
423
381
169
1
10
33
C/6032-28
T491C336(1)010A(2)
3.0
6.0
1.5
271
244
108
1
10
33
U/6032-15
T491U336(1)010A(2)
3.3
6.0
1.8
224
202
90
1
10
33
B/3528-21
T491B336(1)010A(2)
3.3
6.0
1.8
217
195
87
1
10
33
T/3528-12
T491T336(1)010A(2)
3.3
24.0
5.0
118
106
47
1
10
33
A/3216-18
T491A336(1)010A(2)
3.3
15.0
6.0
112
101
45
1
10
47
D/7343-31
T491D476(1)010A(2)
4.7
6.0
0.8
433
390
173
1
10
47
V/7343-20
T491V476(1)010A(2)
4.7
6.0
0.7
423
381
169
1
10
47
C/6032-28
T491C476(1)010A(2)
4.7
6.0
1.2
303
273
121
1
10
47
U/6032-15
T491U476(1)010A(2)
4.7
10.0
2.2
202
182
81
1
10
47
B/3528-21
T491B476(1)010A(2)
4.7
8.0
1.0
292
263
117
1
10
68
D/7343-31
T491D686(1)010A(2)
6.8
6.0
0.8
433
390
173
1
10
68
V/7343-20
T491V686(1)010A(2)
6.8
6.0
0.7
423
381
169
1
10
68
C/6032-28
T491C686(1)010A(2)
6.8
6.0
1.2
303
273
121
1
10
68
W/7343-15
T491W686(1)010AT
6.8
6.0
1.2
387
348
155
1
10
68
U/6032-15
T491U686(1)010A(2)
6.8
10.0
1.8
224
202
90
1
10
68
B/3528-21
T491B686(M)010A(2)
6.8
10.0
3.0
168
151
67
1
10
100
B/3528-21
T491B107(M)010A(2)
10.0
15.0
3.0
168
151
67
1
10
100
D/7343-31
T491D107(1)010A(2)
10.0
8.0
0.7
463
417
185
1
10
100
U/6032-15
T491U107(1)010AT
10.0
8.0
0.7
359
323
144
1
10
100
W/7343-15
T491W107(1)010AT
10.0
8.0
0.8
474
427
190
1
10
100
C/6032-28
T491C107(1)010A(2)
10.0
8.0
1.2
303
273
121
1
10
100
V/7343-20
T491V107(1)010A(2)
10.0
8.0
0.7
423
381
169
1
10
150
X/7343-43
T491X157(1)010A(2)
15.0
8.0
0.7
486
437
194
1
10
150
D/7343-31
T491D157(1)010A(2)
15.0
8.0
0.7
463
417
185
1
10
150
C/6032-28
T491C157(1)010A(2)
15.0
10.0
0.9
350
315
140
1
10
150
V/7343-20
T491V157(1)010A(2)
15.0
8.0
0.7
423
381
169
1
10
220
X/7343-43
T491X227(1)010A(2)
22.0
8.0
0.5
574
517
230
1
10
220
D/7343-31
T491D227(1)010A(2)
22.0
8.0
0.5
548
493
219
1
10
330
D/7343-31
T491D337(M)010A(2)
33.0
10.0
0.5
548
493
219
1
10
330
X/7343-43
T491X337(1)010A(2)
33.0
10.0
0.5
574
517
230
1
10
330
E/7360-38
T491E337(1)010A(2)
33.0
10.0
0.5
632
569
253
1
10
470
X/7343-43
T491X477(1)010A(2)
47
10
0.2
908
817.2
363.2
1
10
470
E/7360-38
T491E477(M)010A(2)
47.0
12.0
0.5
632
569
253
1
16
1
A/3216-18
T491A105(1)016A(2)
0.5
4.0
10.0
87
78
35
1
16
1.5
A/3216-18
T491A155(1)016A(2)
0.5
6.0
8.0
97
87
39
1
16
2.2
A/3216-18
T491A225(1)016A(2)
0.5
6.0
6.0
112
101
45
1
16
2.2
S/3216-12
T491S225(1)016A(2)
0.5
6.0
15.0
63
57
25
1
16
3.3
B/3528-21
T491B335(1)016A(2)
0.5
6.0
3.5
156
140
62
1
16
3.3
A/3216-18
T491A335(1)016A(2)
0.5
6.0
5.0
122
110
49
1
16
4.7
C/6032-28
T491C475(1)016A(2)
0.8
6.0
2.4
214
193
86
1
16
4.7
B/3528-21
T491B475(1)016A(2)
0.8
6.0
3.5
156
140
62
1
16
4.7
A/3216-18
T491A475(1)016A(2)
0.8
6.0
4.0
137
123
55
1
16
4.7
T/3528-12
T491T475(1)016A(2)
0.8
6.0
5.0
118
106
47
1
16
6.8
C/6032-28
T491C685(1)016A(2)
1.1
6.0
1.9
241
217
96
1
16
6.8
B/3528-21
T491B685(1)016A(2)
1.1
6.0
2.5
184
166
74
1
16
6.8
A/3216-18
T491A685(1)016A(2)
1.1
6.0
3.5
146
131
58
1
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-
Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Roll Over for
Order Info.
T
491
X
157
K
020
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial
A, B, C, D,
E, S, T, U,
V, X
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin (Sn)
Plated*
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
G = Gold Plated (A, B, C,
D, X only)
N = Non-Magnetic 100%
Tin (Sn)
M = Non-Magnetic (SnPb)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T491W227006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491W2271006AT KEMET-T491W2271006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491W227006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491X157K020AT KEMET-T491X157K020AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com