Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1210DKB0710RL Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RT1210DKB0710RL
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT1210DKB0710RL Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button RT1210DKB0710RL Datasheet HTML 2Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 3Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 4Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 5Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 6Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 7Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 8Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 9Page - YAGEO Corporation RT1210DKB0710RL Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
6
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”.
P
handbook, halfpage
MLB206_1
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
125
FUNCTIONAL DESCRIPTION
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70°C:
RT0402=1/16 W, RT0603=1/10 W, RT0805=1/8 W,
RT1206=1/4 W, RT1210=1/4 W, RT2010=1/2 W,
RT2512=3/4 W.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
Fig. 6 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)
PACKING STYLE
REEL DIMENSION
RT0402
RT0603
RT0805
RT1206
RT1210
RT2010
RT2512
Paper/PE taping reel (R)
7" (178 mm)
10,000
5,000
5,000
5,000
5,000
---
---
10" (254 mm)
20,000
10,000
10,000
10,000
10,000
---
---
13" (330 mm)
50,000
20,000
20,000
20,000
20,000
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
---
---
4,000
4,000
NOTE
1. For Paper/Embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity


Similar Part No. - RT1210DKB0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT1210DKB0710KL YAGEO-RT1210DKB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results

Similar Description - RT1210DKB0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0603FRE0710KL YAGEO-RT0603FRE0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805FRE076K8L YAGEO-RT0805FRE076K8L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0603FRE07470RL YAGEO-RT0603FRE07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com