Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSE1080040060 Datasheet(PDF) 4 Page - AVX Corporation

Part # TPSE1080040060
Description  Low ESR series of robust Mn02 solid electrolyte capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSE1080040060 Datasheet(HTML) 4 Page - AVX Corporation

  TPSE1080040060 Datasheet HTML 1Page - AVX Corporation TPSE1080040060 Datasheet HTML 2Page - AVX Corporation TPSE1080040060 Datasheet HTML 3Page - AVX Corporation TPSE1080040060 Datasheet HTML 4Page - AVX Corporation TPSE1080040060 Datasheet HTML 5Page - AVX Corporation TPSE1080040060 Datasheet HTML 6Page - AVX Corporation TPSE1080040060 Datasheet HTML 7Page - AVX Corporation TPSE1080040060 Datasheet HTML 8Page - AVX Corporation TPSE1080040060 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TPSR225*006#7000
R
2.2
6.3
0.5
6
7000
1
0.089
0.080
0.035
0.620
0.558
0.248
TPSA335*006#2100
A
3.3
6.3
0.5
6
2100
1
0.189
0.170
0.076
0.397
0.357
0.159
TPSS475*006#4000
S
4.7
6.3
0.5
6
4000
1
0.127
0.115
0.051
0.510
0.459
0.204
TPSA685*006#1800
A
6.8
6.3
0.5
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSA106*006#1500
A
10
6.3
0.6
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSB106*006#1500
B
10
6.3
0.6
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSR106*006#1000
R
10
6.3
0.6
8
1000
1
0.235
0.211
0.094
0.235
0.211
0.094
TPSR106*006#1500
R
10
6.3
0.6
8
1500
1
0.191
0.172
0.077
0.287
0.259
0.115
TPSR106*006#3000
R
10
6.3
0.6
8
3000
1
0.135
0.122
0.054
0.406
0.366
0.162
TPST106*006#1000
T
10
6.3
0.6
6
1000
1
0.283
0.255
0.113
0.283
0.255
0.113
TPSA156*006#0700
A
15
6.3
0.9
6
700
1
0.327
0.295
0.131
0.229
0.206
0.092
TPSA156*006#1500
A
15
6.3
0.9
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSA226*006#0500
A
22
6.3
1.4
6
500
1
0.387
0.349
0.155
0.194
0.174
0.077
TPSA226*006#0900
A
22
6.3
1.4
6
900
1
0.289
0.260
0.115
0.260
0.234
0.104
TPSB226*006#0375
B
22
6.3
1.4
6
375
1
0.476
0.428
0.190
0.179
0.161
0.071
TPSB226*006#0600
B
22
6.3
1.4
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSC226*006#0500
C
22
6.3
1.4
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPSS226*006#0900
S
22
6.3
1.3
10
900
1
0.269
0.242
0.107
0.242
0.218
0.097
TPSA336*006#0600
A
33
6.3
2.1
8
600
1
0.354
0.318
0.141
0.212
0.191
0.085
TPSB336*006#0250
B
33
6.3
2.1
6
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB336*006#0350
B
33
6.3
2.1
6
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB336*006#0450
B
33
6.3
2.1
6
450
1
0.435
0.391
0.174
0.196
0.176
0.078
TPSB336*006#0600
B
33
6.3
2.1
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPST336*006#0800
T
33
6.3
2.1
10
800
1
0.316
0.285
0.126
0.253
0.228
0.101
TPSA476*006#0800
A
47
6.3
2.8
10
800
1
0.306
0.276
0.122
0.245
0.220
0.098
TPSB476*006#0250
B
47
6.3
3
6
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB476*006#0350
B
47
6.3
3
6
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB476*006#0500
B
47
6.3
3
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSC476*006#0300
C
47
6.3
3
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPST476*006#1200
T
47
6.3
2.8
10
1200
1
0.258
0.232
0.103
0.310
0.279
0.124
TPSB686*006#0250
B
68
6.3
4
8
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB686*006#0350
B
68
6.3
4
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB686*006#0500
B
68
6.3
4
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSC686*006#0150
C
68
6.3
4.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC686*006#0200
C
68
6.3
4.3
6
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSW686*006#0110
W
68
6.3
4.3
6
110
1
0.905
0.814
0.362
0.099
0.090
0.040
TPSW686*006#0125
W
68
6.3
4.3
6
125
1
0.849
0.764
0.339
0.106
0.095
0.042
TPSW686*006#0250
W
68
6.3
4.3
6
250
1
0.600
0.540
0.240
0.150
0.135
0.060
TPSB107*006#0250
B
100
6.3
6.3
10
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB107*006#0400
B
100
6.3
6.3
10
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSC107*006#0075
C
100
6.3
6.3
6
75
1
1.211
1.090
0.484
0.091
0.082
0.036
TPSC107*006#0150
C
100
6.3
6.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSD107*006#0300
D
100
6.3
6.3
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSW107*006#0100
W
100
6.3
6.3
6
100
1
0.949
0.854
0.379
0.095
0.085
0.038
TPSW107*006#0150
W
100
6.3
6.3
6
150
1
0.775
0.697
0.310
0.116
0.105
0.046
TPSY107*006#0100
Y
100
6.3
6.3
6
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSC157*006#0050
C
150
6.3
9.5
6
50
1
1.483
1.335
0.593
0.074
0.067
0.030
TPSC157*006#0090
C
150
6.3
9.5
6
90
1
1.106
0.995
0.442
0.099
0.090
0.040
TPSC157*006#0150
C
150
6.3
9.5
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC157*006#0200
C
150
6.3
9.5
6
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSC157*006#0250
C
150
6.3
9.5
6
250
1
0.663
0.597
0.265
0.166
0.149
0.066
TPSD157*006#0050
D
150
6.3
9.5
6
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD157*006#0125
D
150
6.3
9.5
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSY157*006#0040
Y
150
6.3
9.5
6
40
1
1)
1.768
1.591
0.707
0.071
0.064
0.028
TPSY157*006#0050
Y
150
6.3
9.5
6
50
1
1)
1.581
1.423
0.632
0.079
0.071
0.032
TPSC227*006#0070
C
220
6.3
13.9
8
70
1
1.254
1.128
0.501
0.088
0.079
0.035
TPSC227*006#0100
C
220
6.3
13.9
8
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSC227*006#0125
C
220
6.3
13.9
8
125
1
0.938
0.844
0.375
0.117
0.106
0.047
TPSC227*006#0250
C
220
6.3
13.9
8
250
1
0.663
0.597
0.265
0.166
0.149
0.066
TPSD227*006#0050
D
220
6.3
13.9
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD227*006#0100
D
220
6.3
13.9
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD227*006#0125
D
220
6.3
13.9
8
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSE227*006#0100
E
220
6.3
13.9
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSF227*006#0200
F
220
6.3
13.2
10
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSY227*006#0100
Y
220
6.3
13.9
8
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY227*006#0150
Y
220
6.3
13.9
8
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 120.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
33


Similar Part No. - TPSE1080040060

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSE1080040060 AVX-TPSE1080040060 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE1080040060 AVX-TPSE1080040060 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE1080040060 AVX-TPSE1080040060 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSE1080040060 AVX-TPSE1080040060 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSE1080040060 AVX-TPSE1080040060 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results

Similar Description - TPSE1080040060

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB226M016R0600 AVX-TPSB226M016R0600 Datasheet
199Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC107K006R0150 AVX-TPSC107K006R0150 Datasheet
163Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K020R0200 AVX-TPSV107K020R0200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD107K016S0125 AVX-TPSD107K016S0125 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD226K025R0200 AVX-TPSD226K025R0200 Datasheet
159Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227K010R0150 AVX-TPSD227K010R0150 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227M010R0050 AVX-TPSD227M010R0050 Datasheet
205Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K025R0100 AVX-TPSV107K025R0100 Datasheet
197Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSX107K010R0150 AVX-TPSX107K010R0150 Datasheet
169Kb / 12P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC227K006R0125 AVX-TPSC227K006R0125 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com