Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL6H560M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELL6H560M
Description  Power Inductors / Wire Wound type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6H560M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELL6H560M Datasheet HTML 1Page - Panasonic Semiconductor ELL6H560M Datasheet HTML 2Page - Panasonic Semiconductor ELL6H560M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
t
Type
ELL6RH 2.9±0.3
ELL6SH
3.4±0.3
ELL6UH 5.0±0.3
Quantity 1000 pcs./reel
Tape running
direction
A-A
,
Section
1.0±0.1
6.3±0.3
5 ° max.
1.0±0.1
R0.5
max.
AA’
R0.3
m
ax.
12.0±0.1
2.0±0.1
4.0±0.1
0.4±0.1
t
f1.5
+0
.1
–0
Part No.
Inductance (μH)
at 100 kHz
Tolerance ±20 %
RDC (m
Ω)
at 20 °C
Tolerance ±20 %
Rated
Current
(mA) max.
Marking
ELL6UH100M
10.0
63
1800
100
ELL6UH120M
12.0
71
1700
120
ELL6UH150M
15.0
79
1600
150
ELL6UH180M
18.0
88
1400
180
ELL6UH220M
22.0
98
1300
220
ELL6UH270M
27.0
110
1200
270
ELL6UH330M
33.0
130
1100
330
ELL6UH390M
39.0
150
1000
390
ELL6UH470M
47.0
160
900
470
ELL6UH560M
56.0
210
800
560
ELL6UH680M
68.0
230
700
680
ELL6UH820M
82.0
260
650
820
ELL6UH101M
100.0
360
600
101
ELL6UH121M
120.0
480
580
121
ELL6UH151M
150.0
680
500
151
ELL6UH181M
180.0
750
470
181
ELL6UH221M
220.0
840
410
221
ELL6UH271M
270.0
1200
370
271
ELL6UH331M
330.0
1360
330
331
ELL6UH391M
390.0
1500
300
391
ELL6UH471M
470.0
1680
270
471
ELL6UH561M
560.0
2530
260
561
ELL6UH681M
680.0
2830
240
681
ELL6UH821M
820.0
3140
200
821
ELL6UH102M
1000.0
3670
180
102
Standard Parts
Embossed Carrier Tape Dimensions in mm (not to scale)
✽ Current: This indicates the value of current when the inductance is 70% of nominal value or when the case temperature has risen 45 °C.
Sep. 2010
00
70


Similar Part No. - ELL6H560M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6H560M PANASONIC-ELL6H560M Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL6H560M PANASONIC-ELL6H560M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6H560M PANASONIC-ELL6H560M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6H560M PANASONIC-ELL6H560M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6H560M PANASONIC-ELL6H560M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
More results

Similar Description - ELL6H560M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELL-6RH1R0M PANASONIC-ELL-6RH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
logo
Panasonic Semiconductor
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-VEG3R3N PANASONIC-ELL-VEG3R3N Datasheet
93Kb / 3P
   Power Inductors / Wire Wound type
ELL-VEG4R7N PANASONIC-ELL-VEG4R7N Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
ELL-VFG2R2NC PANASONIC-ELL-VFG2R2NC Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com