Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1C123 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECHU1C123
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C123 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECHU1C123 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1C123 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC17−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Reel
●Capacitance tolerance : ±2 %(G), ±5 %(J)
■Taping Specification for Automatic Mounting
Refer to the page of taping specifications
0.00010
0.00012
0.00015
0.00018
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
0.0010
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
Cap. (µF)
ECHU1C101
□X5
1.6
0.8
0.7
K1
ECHU1C121
□X5
1.6
0.8
0.7
K1
ECHU1C151
□X5
1.6
0.8
0.7
K1
ECHU1C181
□X5
1.6
0.8
0.7
K1
ECHU1C221
□X5
1.6
0.8
0.7
K1
ECHU1C271
□X5
1.6
0.8
0.7
K1
ECHU1C331
□X5
1.6
0.8
0.7
K1
ECHU1C391
□X5
1.6
0.8
0.7
K1
ECHU1C471
□X5
1.6
0.8
0.7
K1
ECHU1C561
□X5
1.6
0.8
0.7
K1
ECHU1C681
□X5
1.6
0.8
0.7
K1
ECHU1C821
□X5
1.6
0.8
0.7
K1
ECHU1C102
□X5
1.6
0.8
0.7
K1
ECHU1C122
□X5
1.6
0.8
0.7
K1
ECHU1C152
□X5
1.6
0.8
0.7
K1
ECHU1C182
□X5
1.6
0.8
0.7
K1
ECHU1C222
□X5
1.6
0.8
0.7
K1
ECHU1C272
□X5
1.6
0.8
0.7
K1
ECHU1H101
□X5
2.0
1.25
0.9
J1
ECHU1H121
□X5
2.0
1.25
0.9
J1
ECHU1H151
□X5
2.0
1.25
0.9
J1
ECHU1H181
□X5
2.0
1.25
0.9
J1
ECHU1H221
□X5
2.0
1.25
0.9
J1
ECHU1H271
□X5
2.0
1.25
0.9
J1
ECHU1H331
□X5
2.0
1.25
0.9
J1
ECHU1H391
□X5
2.0
1.25
0.9
J1
ECHU1H471
□X5
2.0
1.25
0.9
J1
ECHU1H561
□X5
2.0
1.25
0.9
J1
ECHU1H681
□X5
2.0
1.25
0.9
J1
ECHU1H821
□X5
2.0
1.25
0.9
J1
ECHU1H102
□X5
2.0
1.25
0.9
J1
ECHU1H122
□X5
2.0
1.25
0.9
J1
ECHU1H152
□X5
2.0
1.25
0.9
J1
ECHU1H182
□X5
2.0
1.25
0.9
J1
ECHU1H222
□X5
2.0
1.25
0.9
J1
ECHU1H272
□X5
2.0
1.25
0.9
J1
ECHU1H332
□X5
3.2
1.6
0.9
H1
ECHU1H392
□X5
3.2
1.6
0.9
H1
ECHU1H472
□X5
3.2
1.6
0.9
H1
ECHU1H562
□X5
3.2
1.6
0.9
H1
ECHU1H682
□X5
3.2
1.6
0.9
H1
ECHU1H822
□X5
3.2
1.6
1.1
H2
ECHU1H103
□X5
3.2
1.6
1.1
H2
ECHU1H123
□X5
3.2
2.5
1.1
G1
ECHU1H153
□X5
3.2
2.5
1.1
G1
ECHU1H183
□X5
3.2
2.5
1.5
G2
ECHU1H223
□X5
3.2
2.5
1.5
G2
ECHU1H273
□X5
3.2
2.5
1.5
G2
ECHU1H333
□X5
3.2
2.5
2.1
G3
ECHU1H393
□X5
3.2
2.5
2.1
G3
ECHU1H473
□X9
4.8
3.3
1.5
E1
ECHU1H563
□X9
4.8
3.3
1.5
E1
ECHU1H683
□X9
4.8
3.3
1.5
E1
ECHU1H823
□X9
4.8
3.3
2.1
E2
ECHU1H104
□X9
4.8
3.3
2.1
E2
ECHU1H124
□X9
6.0
4.1
1.9
D1
ECHU1H154
□X9
6.0
4.1
1.9
D1
ECHU1H184
□X9
6.0
4.1
2.5
D3
ECHU1H224
□X9
6.0
4.1
2.8
D4
3000
2000
3000
2000
ECHU1C332
□X5
2.0
1.25
0.9
J1
ECHU1C392
□X5
2.0
1.25
0.9
J1
ECHU1C472
□X5
2.0
1.25
0.9
J1
ECHU1C562
□X5
2.0
1.25
0.9
J1
ECHU1C682
□X5
2.0
1.25
0.9
J1
ECHU1C822
□X5
2.0
1.25
1.1
J2
ECHU1C103
□X5
2.0
1.25
1.1
J2
ECHU1C123
□X5
3.2
1.6
0.9
H1
ECHU1C153
□X5
3.2
1.6
0.9
H1
ECHU1C183
□X5
3.2
1.6
0.9
H1
ECHU1C223
□X5
3.2
1.6
0.9
H1
ECHU1C273
□X5
3.2
1.6
1.1
H2
ECHU1C333
□X5
3.2
1.6
1.1
H2
ECHU1C393
□X5
3.2
1.6
1.5
H3
ECHU1C473
□X5
3.2
1.6
1.5
H3
ECHU1C563
□X5
3.2
2.5
1.5
G2
ECHU1C683
□X5
3.2
2.5
1.5
G2
ECHU1C823
□X5
3.2
2.5
2.1
G3
ECHU1C104
□X5
3.2
2.5
2.1
G3
3000
4000
2000
Rated volt. 16 VDC
Part No.
Dimensions (mm)
LW
H
Size
Code
Q'ty
Rated volt. 50 VDC
Part No.
Dimensions (mm)
LW
H
Size
Code
Q'ty
Cap. tol. code
■Recommended for Land Dimensions (mm)
Size
Code
Land dimensions
Reflow soldering
AB
C
K1
0.6
2.0
0.7
J1,J2
0.8
2.4
1.1
H1,H2,H3
1.8
3.6
1.4
G1,G2,G3
1.8
3.6
2.3
E1,E2
3.0
5.6
3.0
D1,D3,D4
4.0
7.0
3.8
❈ It is not warrantable that you can mount the capacitor without trouble under all the mounting condition when
“Recommender for Land dimensions” is adopted.
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
17


Similar Part No. - ECHU1C123

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C123 PANASONIC-ECHU1C123 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C123 PANASONIC-ECHU1C123 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C123 PANASONIC-ECHU1C123 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C123 PANASONIC-ECHU1C123 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C123 PANASONIC-ECHU1C123 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C123

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com