Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCSCS0J686CAR Datasheet(PDF) 4 Page - Samsung semiconductor

Part # TCSCS0J686CAR
Description  Manganese Dioxide Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TCSCS0J686CAR Datasheet(HTML) 4 Page - Samsung semiconductor

  TCSCS0J686CAR Datasheet HTML 1Page - Samsung semiconductor TCSCS0J686CAR Datasheet HTML 2Page - Samsung semiconductor TCSCS0J686CAR Datasheet HTML 3Page - Samsung semiconductor TCSCS0J686CAR Datasheet HTML 4Page - Samsung semiconductor TCSCS0J686CAR Datasheet HTML 5Page - Samsung semiconductor TCSCS0J686CAR Datasheet HTML 6Page - Samsung semiconductor TCSCS0J686CAR Datasheet HTML 7Page - Samsung semiconductor TCSCS0J686CAR Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
A
A
A
B
A
B
A
B
A
B
C
B
C
A
B
C
D
C
D
B
C
D
D
D
4.7
6.8
10
15
15
22
22
33
33
47
47
47
68
68
100
100
100
100
150
150
220
220
220
330
470
0.5
0.5
0.5
0.6
0.6
0.9
0.9
1.3
1.3
1.9
1.9
1.9
2.7
2.7
4.0
4.0
4.0
4.0
6.0
6.0
8.8
8.8
8.8
13.2
18.8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
30
8
8
8
8
8
18
8
8
8
10
8.0
6.0
6.0
4.0
3.5
4.0
3.5
4.0
3.5
2.0
3.5
1.8
1.8
1.6
2.0
0.8
1.6
0.8
1.2
0.8
0.5
0.6
0.9
0.7
0.6
TCSCS0J335*AAR
TCSCS0J475*AAR
TCSCS0J685*AAR
TCSCS0J106*AAR
TCSCS0J106*BAR
TCSCS0J156*AAR
TCSCS0J156*BAR
TCSCS0J226*AAR
TCSCS0J226*BAR
TCSCS0J336*AAR
TCSCS0J336*BAR
TCSCS0J336*CAR
TCSCS0J476*AAR
TCSCS0J476*BAR
TCSCS0J476*CAR
TCSCS0J686*BAR
TCSCS0J686*CAR
TCSCS0J686*DAR
TCSCS0J107MBAR
TCSCS0J107*CAR
TCSCS0J107*DAR
TCSCS0J157*CAR
TCSCS0J157*DAR
TCSCS0J227*CAR
TCSCS0J227*DAR
TCSCS0J337*DAR
TCSCS0J477*DAR
A
A
A
A
B
A
B
A
B
A
B
C
A
B
C
B
C
D
B
C
D
C
D
C
D
D
D
3.3
4.7
6.8
10
10
15
15
22
22
33
33
33
47
47
47
68
68
68
100
100
100
150
150
220
220
330
470
0.5
0.5
0.5
0.6
0.6
0.9
0.9
1.4
1.4
2
2
2
3
3
3
4.3
4.3
4.3
6.3
6.3
6.3
9.5
9.5
13.9
13.9
20.8
29.6
8
8
8
8
8
8
8
8
8
6
8
8
12
8
8
8
8
8
10
8
8
8
8
8
8
8
10
8.0
6.0
6.0
4.0
3.5
4.0
3.5
2.0
3.5
2.0
3.0
1.8
2.0
1.3
1.6
3.5
1.2
0.8
0.8
0.8
0.8
1.3
0.9
0.6
0.7
0.5
0.3
Part Number
4 volt Rating
@+85℃(2.5 volt Rating@+125℃)
2.5 volt Rating
@+85℃(1.6 volt Rating@+125℃)
6.3 volt Rating
@+85℃(4 volt Rating@+125℃)
Case
Size
Capacitance
(
μF)
DC
Leakage
(
μA)@+25℃Max.
DF
(%)
@+25℃
120Hz Max.
ESR
(
Ω)@+25℃
100KHz Max.
TCSCS0G475*AAR
TCSCS0G685*AAR
TCSCS0G106*AAR
TCSCS0G156*AAR
TCSCS0G156*BAR
TCSCS0G226*AAR
TCSCS0G226*BAR
TCSCS0G336*AAR
TCSCS0G336*BAR
TCSCS0G476*AAR
TCSCS0G476*BAR
TCSCS0G476*CAR
TCSCS0G686*BAR
TCSCS0G686*CAR
TCSCS0G107*AAR
TCSCS0G107*BAR
TCSCS0G107*CAR
TCSCS0G107*DAR
TCSCS0G157*CAR
TCSCS0G157*DAR
TCSCS0G227MBAR
TCSCS0G227*CAR
TCSCS0G227*DAR
TCSCS0G337*DAR
TCSCS0G477*DAR
B
220
5.5
18
1.2
TCSCS0E227*BAR
Ratings & Part Number Reference


Similar Part No. - TCSCS0J686CAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS0J686CAR SAMSUNG-TCSCS0J686CAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS0J686CAR SAMSUNG-TCSCS0J686CAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
More results

Similar Description - TCSCS0J686CAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS1E226MDAR SAMSUNG-TCSCS1E226MDAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
TCSCS1A476KBAR SAMSUNG-TCSCS1A476KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1C106KBAR SAMSUNG-TCSCS1C106KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1A475KAAR SAMSUNG-TCSCS1A475KAAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1E106MBAR SAMSUNG-TCSCS1E106MBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
   Manganese Dioxide
CR2NP ETC2-CR2NP Datasheet
91Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-2 PANASONICBATTERY-CR-2 Datasheet
203Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
List of Unclassifed Man...
KECR2032-1 ETC2-KECR2032-1 Datasheet
39Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-AG PANASONICBATTERY-CR-AG Datasheet
210Kb / 1P
   LITHIUM MANGANESE DIOXIDE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com