Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6862UK225 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6862UK225
Description  Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6862UK225 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6862UK225 Datasheet HTML 1Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 2Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 3Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 4Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 5Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 6Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 7Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 8Page - Maxim Integrated Products MAX6862UK225 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX6854/MAX6855/MAX6856/MAX6858/MAX6860–
MAX6869 ultra-low-current (170nA, typ) microprocessor
(µP) supervisory circuits combine voltage monitoring,
watchdog timer, and manual reset input functions in a 5-
pin SOT23 package. These devices assert a reset signal
whenever the monitored voltage drops below the factory-
trimmed reset threshold voltage, manual reset is assert-
ed, or the watchdog timer expires. The reset output
remains asserted for a minimum timeout period after VCC
rises above the reset threshold and manual reset is
deasserted. Factory-trimmed reset threshold voltages
are offered from +1.575V to +4.625V in approximately
100mV increments (see the Threshold Suffix Guide).
Each device is offered with six minimum reset timeout
options, ranging from 10ms to 1200ms.
The MAX6854/MAX6855/MAX6856/MAX6858/MAX6860–
MAX6869 are offered in a variety of configurations (see
the Selector Guide). The MAX6854/MAX6855/MAX6856/
MAX6861–MAX6869 provide a manual reset input, MR.
The MAX6864–MAX6869 offer a watchdog timer that
monitors activity at the WDI input to prevent code execu-
tion errors. The MAX6864–MAX6869 offer watchdog
timeout options of 3.3s or 209s (typ). The MAX6861/
MAX6862/MAX6863 feature a pin-selectable reset delay
period of 10ms or 150ms (min). Push-pull active-low,
push-pull active-high, and open-drain active-low reset
outputs are available.
Applications
Portable/Battery-Powered Equipment
PDAs/Cell Phones
MP3 Players/Pagers
Glucose Monitors/Patient Monitors
Features
♦ Ultra-Low 170nA (typ) Supply Current
♦ Reset Thresholds from +1.575V to +4.625V in
Approximately 100mV Increments
♦ Six Minimum Reset Timeout Period Options from
10ms to 1200ms
♦ Manual Reset Option
♦ Watchdog Timer Option
♦ Pin-Selectable 10ms/150ms (min) Reset Timeout
Period (MAX6861/MAX6862/MAX6863)
♦ Immune to Short VCC Transients
♦ Guaranteed Reset Valid to VCC = +1.1V
♦ Three Reset Output Options:
Push-Pull
RESET
Push-Pull RESET
Open-Drain
RESET
♦ No External Components
♦ Small 5-Pin SOT23 Package
♦ Pin Compatible to the TPS3836/TPS3837/TPS3838
(MAX6861/MAX6862/MAX6863)
Nanopower µP Supervisory Circuits with
Manual Reset and Watchdog Timer
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
PART†
TEMP RANGE
PIN-PACKAGE
MAX6854UK_ _D_-T
-40°C to +85°C
5 SOT23-5
MAX6855UK_ _D_-T
-40°C to +85°C
5 SOT23-5
19-3139; Rev 4; 12/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
†Insert reset threshold suffix (see Table 2, Threshold Suffix
Guide) after UK. Insert the number corresponding to the
desired reset timeout period (see Table 4, Reset Timeout
Period) after D.
Note: Sample stock is generally held on standard versions
only (see Table 5, Standard Versions Table). Standard versions
have an order increment of 2500 pieces. Nonstandard versions
have an order increment of 10,000 pieces. Contact factory for
availability of nonstandard versions.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Pin Configurations and Selector Guide appear at end of
data sheet.
Typical Operating Circuit
MAX6864
MAX6867
µP
VCC
VCC
GND
GND
MANUAL
RESET
RESET
I/O
VCC
0.1
µF
RESET
MR
WDI


Similar Part No. - MAX6862UK225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6862UK225 MAXIM-MAX6862UK225 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX6862UK225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com